Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
IP113M LF
Preliminary Data Sheet
33/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
The basic MII registers 1(continued)
MII
NAME
R/W
DESCRIPTION
DEFAULT
MII status register (address 01h)
1.4
Remote fault
RO
LH
1 = remote fault detected
0 = not remote fault detected
When read as logic 1, indicates that IP113M LF
has detected a remote fault condition. This bit is
set until remote fault condition gone and before
reading the contents of the register. This bit is
cleared after IP113M LF reset.
0
1.3
Auto-Negotiation
Ability
RO
1 = Auto-Negotiation capable
0 = not Auto-Negotiation capable
When read as logic 1, indicates that IP113M LF
has the ability to perform Auto-Negotiation. The
value of this bit will depend on the external mode
setting of IP113M LF operation mode.
1
1.2
Link Status
RO
LL
1 = Link Pass
0 = Link Fail
When read as logic 1, indicates that IP113M LF
has determined a valid link has been established.
When read as logic 0, indicates the link is not valid.
This bit is cleared until a valid link has been
established and before reading the contents of this
registers.
0
1.1
Jabber Detect
RO
LH
1 = jabber condition detected
0 = no jabber condition detected
When read as logic 1, indicates that IP113M LF
has detected a jabber condition. This bit is always
0 for 100Mbps operation and is cleared after
IP113M LF reset. This bit is set until jabber
condition is cleared and reading the contents of the
register.
0
1.0
Extended capability
RO
1 = Extended register capabilities
0 = No extended register capabilities
IP113M LF has extended register capabilities.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com