Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
IP113M LF
Preliminary Data Sheet
49/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 23
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Link partner MC extended status register (MII register 23D)
23.0
--
lp_loopback_en
RO
Loop-back enable of remote LP
1: Link partner’s fiber port is in loop back
mode. Its fiber port will forward all receiving
frames from FXRDP/M to FXTDP/M..
0: Link partner’s fiber port is in normal mode
0
23.1
--
lp_status_rpt_en
RO
Option B support
1: Link partner supports TS-1000 option B
0: not support
0
23.2
--
lp_tp_autoneg_en
RO
TP port auto-negotiation enable
1: Link supports aut0-negotuation,
0: Link partner doesn’t support auto-negotiation.
0
23.3
--
lp_tp_speed_mode
RO
TP port speed of link partner
1: 100M,
0:10M
0
23.4
--
lp_tp_duplex_mode
RO
TP port duplex mode of link partner
1: full duplex,
0: half duplex
0
23.5
--
lp_tp_flow_ctrl_en
RO
TP port flow control of link partner.
1: flow control enable
0: flow control disable
This bit is valid only if MII register 20 bit10
is set to be 0.
0
23.6
--
lp_tp_link_off
RO
TP port link status of link partner
1: link off,
0:link on
1
23.7
--
lp_fb_flow_ctrl_en
RO
Fiber port flow control/backpressure of link
partner
This bit is valid only if MII register 20 bit10
is set to be 0.
1: flow control enable
0: flow control disable
0
23.8
--
lp_fb_duplex_mode
RO
Fiber port duplex mode of link partner
1: full duplex, 0: half duplex
This bit is valid only if MII register 20 bit10
is set to be 0.
0
23.9
--
lp_fb_link_status
RO
Fiber port signal detect status of link partner
1: off,
0: on
This bit is valid only if MII register 20 bit10
is set to be 0.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com