Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
IP113M LF
Preliminary Data Sheet
42/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 18
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
PHY extended status register (18D)
18[6:0]
--
Reserved[2:0]
RO
8d
18.7
--
jabber
RO
Jabber status
1: jabber is detected,
0: no jabber (default)
It is a mirror bit of MII register 1 bit 1.
0
18.8
--
polarity
RO
Polarity status
1: polarity error, RXIP and RXIM are reversed,
0: polarity ok (default)
0
18.9
--
mdix_en
RO
MDI/MDIX status
0: MDI, TX and RX are normal on TP port.
1:MDIX, TX and RX are crossed over on TP
port.
0
18.10
--
link_real
RO
TP port link Status
1: link ok,
0: link fail (default)
It is a mirror bit of MII register 1 bit 2.
0
18.11
--
resolved
RO
Resolve complete
1: Auto-negotiation complete,
0: during Auto-negotiation (default)
It is a mirror bit of MII register 1 bit 5.
0
18.12
--
Reserved
RO
0
18.13
--
mr_duplex_mode
RO
TP port duplex mode (It is valid only if 8.11=1.)
1: full duplex (default),
0: half duplex
It is a mirror bit of MII register 0 bit 8.
0
18.14
--
mr_speed_selection
RO
TP port speed mode (It is valid only if
18.11=1.)
1: 100M (default),
0: 10M
It is a mirror bit of MII register 0 bit 13.
1
18.15
--
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com