Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
IP113M LF
Preliminary Data Sheet
48/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 22(continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Local MC extended register (MII register 22D, EEPROM register 06~07D)
TP port input Rate Control
IP113M LF limits the input traffic of TP port.
Traffic
10M mode
100M mode
00
10Mbps
100Mbps
01
2.5Mbps
25Mbps
10
5Mbps
50Mbps
22[12:11] 7[4:3]
p01_mg_throttle
_confg
R/W
11
7.5Mbps
75Mbps
00
TP port output Rate Control
IP113M LF limits the output traffic of TP
port.
Traffic
10M mode
100M mode
00
10Mbps
100Mbps
01
2.5Mbps
25Mbps
10
5Mbps
50Mbps
22[14:13] 7[6:5]
p01_mg_throttle
_confg
R/W
11
7.5Mbps
75Mbps
00
22.15
7.7
mg_link_pass_en
R/W
Link Fault Pass through enable (LFP)
1: enable, 0: disable
This bit overwrites the setting on pin 21 LFP.
Pin (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com