Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 97Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 98Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 99Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 100Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 101Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 102Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 103Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 104Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
101/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
3
Electrical Characteristics
3.1
Absolute Maximum Rating
Stresses exceed those values listed under Absolute Maximum Ratings may cause permanent damage to
the device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage
–0.3V to 4.0V
Input Voltage
–0.3V to 5.0V
Output Voltage
–0.3V to 5.0V
Storage Temperature
-65
°C to 150°C
Ambient Operating Temperature (Ta)
0
°C to 70°C
3.2
DC Characteristic
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VCC
1.70
1.80
2.00
V
Supply Voltage
VCC_O
3.135
3.3
3.465
V
Regout Voltage
REG_OUT
1.70
1.80
2.00
V
All ports link at 10Mbps mode
Power Consumption
1
W
VCC=1.8v
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-50
+50
PPM
I/O Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Low Voltage
VIL
0.8
V
When VCC_IO = 3.3v
Input High Voltage
VIH
2.1
V
When VCC_IO = 3.3v
Input Low Voltage
VIL
0.7
V
When VCC_IO = 1.95v
Input High Voltage
VIH
1.4
V
When VCC_IO = 1.95v
X1 Input Low Voltage
VIL
0.89
V
X1 Input High Voltage
VIH
0.95
V
Output Low Voltage
VOL
0.4
V
IOH=4mA, VCC_O_x=3.3V
Output High Voltage
VOH
2.4
V
IOL=4mA, VCC_O_x=3.3V
FXSD4
Input Low Voltage
VIL
0.3
V
FXSD4
Input High Voltage
VIH
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com