Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 65Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 66Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 67Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 68Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 69Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 70Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 71Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 72Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
69/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
Port1 VLAN look up table
Port5 and port1 are in the same VLAN
Default value
Testmode38, 39
Others
19.7
15.7
R/W
0
1
*
Port1 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port1 are handled as high
priority packets.
Default value
TEST2=0
TEST2=1
P4EXT=1
P4EXT=0
19.6
15.6
R/W
0
Pin63 COS_EN (0)
0
*
19.5
15.5
R/W Port1 high priority port enable
1: enable, 0: disabled (default)
Packets received from port1 are handled as high priority packets.
1’b0
Port1 VLAN look up table
The register defines the ports in the same VLAN as port1. The
bit 0~4 are corresponding to port 0~4.
1: a port is in the same VLAN as port1
0: a port is not in the same VLAN as port1
Bit0=1, port 0 and port1 are in the same VLAN;
Bit1, don’t care;
Bit2=1, port 2 and port1 are in the same VLAN;
Bit3=1, port 3 and port1 are in the same VLAN;
Bit4=1, port 4 and port1 are in the same VLAN
Default value
Testmode38, 39
Testmode47
Others
29
19[4:0]
15[4:0]
R/W
5'b01110
5'b00010
5'b11111
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com