Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 83Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 84Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 85Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
87/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
12.8
4.6
R/W BW_EN_QM
Limitation for output queue quantity when TX Bandwidth
control enable
1: enable (default), limit the output queue quantity
2: disable, unlimit the output queue quantity
1’b1
LINK_Q_EN, LINK quality enable
1: enable (default),
0: disable
Default value
TEST2=0
TEST2=1
Pad 98.5
LAT_IN_DIS=1
Pad 98.5
LAT_IN_DIS=0
12.7
60.7
R/W
1
Pin101 (1)
1
*
LONG_PACKET
Max forwarded packet length
1: 1552 bytes
0: 1536 bytes (default)
Default value
P4EXT=1
P4EXT=0
12.5
60.5
R/W
0
Pin66 LONG_PKT (0)
*
12.4
60.4
R/W PRIORITY_RATE
1: 8 packets
0: 4 packets
Output Queue Scheduling: high priority packet rate
1’b0
12.1
60.1
R/W Reserved (Must to be keep at 1’b1)
1’b1
30
12.0
60.0
R/W HP_DIS_FLOW_EN
High priority packet to disable flow control
1: a port will disable its flow control function for 2 sec if it
receives a high priority packet.
0: the function is disabled
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com