Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 79Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 80Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 81Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 82Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 83Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 84Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 85Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
83/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Router control register 1
PHY
MII
ROM
R/W
Description
Default
WAN_PORTS[4:0].
WAN ports for router application
It is valid only if router_en is enabled.
Bit0
1: port 0 is a WAN port
0: port 0 is not a WAN port
Bit1
1: port 1 is a WAN port
0: port 1 is not a WAN port
Bit2
1: port 2 is a WAN port
0: port 2 is not a WAN port
Bit3
1: port 3 is a WAN port
0: port 3 is not a WAN port
30
9[12:8]
56[4:0]
R/W
Bit4
1: port 4 is a WAN port
0: port 4 is not a WAN port
5’h10
TAG_VLAN_EN. Enable tag VLAN function
1: enable tag VLAN function
0: disable tag VLAN function
Default value
Others
Testmode37
30
9.7
55.7
R/W
0
1
*
VID_IDX_SEL. VID index selection
Select 4 bits out of 12 bits VID as index of tag VLAN groups.
The 12 bits of VID can’t be all zeros; otherwise, it will be
handled as an un-tagged frame.
000: VID[3:0], 001: VID[4:1], 010: VID[5:2], 011: VID[6:3], 100:
VID[7:4], 101: VID[8:5], 110: VID[9:6], 111: VID[10:7]
An example of vid_idx_sel = 3’b000,
VLAN_0
VID[3:0] = 4’b0000
VLAN_1
VID[3:0] = 4’b0001
VLAN_2
VID[3:0] = 4’b0010
VLAN_3
VID[3:0] = 4’b0011
….
….
VLAN_e
VID[3:0] = 4’b1110
9[6:4]
55[6:4]
R/W
VLAN_f
VID[3:0] = 4’b1111
3’b000
ROUTER_EN.
Enable router function at MII port
1: SMART MAC enabled.
0: SMART MAC disabled.
Default value
Others
Testmode37
30
9.3
55.3
R/W
0
1
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com