Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
56/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
2.16
Force mode of PHY
Px_FORCE
0
1
1
1
1
Px_FORCE_100
X
1
1
0
0
Px_FORCE_FULL
X
1
0
1
0
IP175C/IP175CH’s capability
NWAY
100/Full
100/Half
10/Full
10/Half
IP175C/IP175CH’s link result
100/Full
100/Full
100/Half
10/Full
10/Half
Link partner’s (Nway enabled
with all capability) link result
100/Full
100/Half
100/Half
10/Half
10/Half
Note: Px_FORCE, Px_FORCE_100,and Px_FORCE_full are force mode configuration pins. X is port
number. It is from 0 to 4.
2.17
Reset
The IP175C/IP175CH supports three kinds of reset function.
1. Hardware Reset: Pin 93 RESETB should be asserted LOW at least for 5ms to reset IP175C/IP175CH.
The IP175C/IP175CH gets initial values from pins and 24C01A EEPROM after reset.
2. Software Reset: After Hardware Reset, user can write 16’h175C to PHY 30 Register 0 via SMI to
reset IP175C/IP175CH. The IP175C/IP175CH resets all of PHYs and Switch Engine, but
IP175C/IP175CH does not load initial values from pins and 24C01A EEPROM.
4. PHY Reset: Please write ”1” to bit 15 of MII register 0 to reset the PHY. The PHY address is from 0 to
4 for port 0~4 respectively.
2.18
Bandwidth control
IP175C/IP175CH provides the bandwidth control mechanism to manage or control the data rate on a
limited bandwidth network. By controlling the ingress data rate and the egress data rate, it provides a
bandwidth management solution for local area networks and also provides quick and easy allocation of
uplink or downlink speeds to meet and guarantee a wide range of customer bandwidth requirements.
IP175C/IP175CH provides the easiest way to allocate bandwidth for each port, which defined in MII
registers 31.2 ~ 31.0 or EEPROM registers 95 ~ 90. The ingress/egress data rate control range is from
128 kbps to 8 Mbps for each port.
2.19
Fiber mode of port 4 (for IP175CH only)
When FXSD4 is pulled high, port 4 will be 100Mbps fiber mode.There are two kinds of methods to set full
duplex or half duplex.
1. Setting from Pin or EEPROM
P4EXT: 0.
Duplex mode
P4_FORCE
P4_FORCE_100
P4_FORCE_FULL
Full duplex
1
1
1
Half duplex
1
1
0
P4EXT: 1
Duplex mode
P4_FORCE
P4_FORCE_100
P4_FORCE_FULL
Full duplex
X
X
X
Please set half duplex from MDC/MDIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com