Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 20Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 21Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 22Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
21/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Pin description (continued)
Pin No.
Label
Type
Description
External MII2 interface (PHY mode, MII2_MAC_MOD=0, MII2_EN=1)
109
MII2_RXCLK
O
MII receive clock
103
MII2_TXCLK
O
MII transmit clock
102, 101,
100, 97
TXD2_0, TXD2_1,
TXD2_2, TXD2_3
IPL2
IPH1
IPH1
IPL2
MII transmit data
It is sampled at the rising edge of MII2_TXCLK.
96
TXEN2
IPL2
MII transmit enable
It is used to frame TXD0[3:0]. It is sampled at the rising edge of
MII2_TXCLK.
110
COL2
O
MII collision
It is active when MII2 is half duplex and a collision event happens.
104
RXDV2
O
MII receive data valid
It is used to frame RXD0[3:0]. It is sent out at the falling edge of
MII2_RXCLK.
108, 107,
106, 105
RXD2_0, RXD2_1,
RXD2_2, RXD2_3
O
MII receive data
It is sent out at the falling edge of MII2_RXCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com