Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 65Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 66Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 67Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 68Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
65/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
MII register 6 of PHY0~4 (Each PHY has its own MII register 6 with different PHY address)
PHY
MII
ROM
R/W
Description
Default
Auto-Negotiation Expansion register
4~0
6[15:5]
--
RO
Reserved
0
4~0
6.4
--
RO
1: a fault has been detected via parallel detection function.
0: a fault has not been detected via parallel detection function.
0
4~0
6.3
--
RO
1= Link partner is next page able.
0= Link partner is not next page able.
0
4~0
6.2
--
RO
1: IP175C/IP175CH next page able.
0: IP175C/IP175CH is not next page able.
This bit is fixed to be “0” in IP175C/IP175CH
0
4~0
6.1
--
RO/
LH
1: A new page has been received.
0: A new page has not been received.
0
4~0
6.0
--
RO
If Nway is enabled, this bit means:
1: Link partner is Auto-Negotiation able.
0: Link partner is not Auto-Negotiation able.
In 100FX or Nway disabled, this bit always =0.
0
(Nway)
(100FX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com