Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
12/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
1
Pin description
Type
Description
I
Input pin
O
Output pin
IPL
Input pin with internal pull low 50M ohm
IPH
Input pin with internal pull high 50M ohm
Type
Description
IPL1
Input pin with internal pull low 22.8k ohm
IPH1
Input pin with internal pull high 22.8k ohm
IPL2
Input pin with internal pull low 92.6k ohm
IPH2
Input pin with internal pull high 113.8k ohm
Pin No.
Label
Type
Description
Analog
120
REG_OUT
O
Regulator output.
The internal linear regulator uses this pin to control external
transistor to generates a voltage source between 1.70v ~ 2.00v.
IP175C/IP175CH uses the DVCC/AVCC as feedback voltage.
116
REG_HIGH
I
Regulator output selection is internally bounded to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com