Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 94Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
91/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
18.15
--
RO
mii1_full
1
18.14
--
RO
mii1_speed10
0
18.13
--
RO
mii0_full
0
18.12
--
RO
mii0_speed10
1
18.11
12.6
R/W allpass
0
18.10
6.1
R/W modbck
1
18.9
6.2
R/W twopart
1
18.8
5.3
R/W bp_kind
0
18.7
13.7
R/W Port5 VLAN look up table
Port5 and port5 are in the same VLAN. This bit is “don’t care”.
It is fixed “1”.
1’b1
Port5 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from Port5 are handled as high
priority packets.
Default value
TEST2=0
TEST2=1
P4EXT=1
P4EXT=0
18.6
13.6
R/W
0
Pin 63 COS_EN (0)
0
*
18.5
13.5
R/W Port5 set to be high priority port
1: enable, 0: disabled (default)
Packets received from Port5 are handled as high priority packets.
1’b0
Port5 VLAN look up table
The register defines the ports in the same VLAN as port5. The
bit 0~5 are corresponding to port 0~5.
1: a port is in the same VLAN as Port5
0: a port is not in the same VLAN as MI port
Bit0=1, port 0 and Port5 are in the same VLAN;
Bit1=1, port 1 and Port5 are in the same VLAN;
Bit2=1, port 2 and Port5 are in the same VLAN;
Bit3=1, port 3 and Port5 are in the same VLAN;
Bit4=1, port 4 and Port5 are in the same VLAN;
Bit5=1, don’t care;
Default value
Test mode 38,39
Others
30
18[4:0]
13[4:0]
R/W
6'b100011
6'b111111
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com