Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
16/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Pin description (continued)
Pin No.
Label
Type
Description
External MII port setting (the setting is latched at the end of reset)
74
P4EXT
IPL
External MII port enable
1: MII interface configuration is enabled.
0: External MII interface is disabled and IP175C/IP175CH works
as a 5-port switch (default).
The configuration function of pin Px_FORCE, FILTER_RSV_DA,
MAC_X_EN, LONG_PKT, AGING, P4_HIGH and COS_EN are
disabled when this pin is pulled high.
53
RMII_EN
IPL
RMII enable for all MII ports.
1: All MII/RMII interfaces work in RMII mode
0: All MII/RMII interfaces work in MII mode (default).
It is valid only if P4EXT is pulled high.
This pin defines the initial setting of all MII ports. Each port can be
configured as MII or RMII by programming MII register 31.5[10:8].
67
MAC_X_EN
IPH2
Flow control enable for external MII ports
1: enable (default),
0: disable
It is valid only if P4EXT is pulled low.
96
MII0_MAC_MOD
IPL1
External MII0 port MAC mode
MII0 is connected to MAC5 of IP175C/IP175CH.
1: MII0 works as a MAC and should be connected to an external PHY.
0: MII0 works as a PHY and should be connected to an external
MAC device (default).
It is valid only if P4EXT is pulled high.
54
MII1_PHY_MOD
(SDA)
IPH/O External MII1 source port selection
1: MII1 is connected to PHY4 of IP175C/IP175CH. It should be
connected to an external MAC device.
0: MII1 is connected to MAC4 of IP175C/IP175CH. It should be
connected to an external PHY.
It is valid only if P4EXT is pulled high and MII1_DIS is pulled low.
111
MII2_MAC_MOD
IPL
External MII2 port MAC mode
MII2 is connected to MAC4 of IP175C/IP175CH.
1: MII2 works as a MAC and should be connected to an external PHY.
0: MII2 works as a PHY and should be connected to an external
MAC device (default).
It is valid only if P4EXT is pulled high and MII2_EN is pulled high.
113
MII2_EN
IPL/O
MII2 enable
1: MII2 is enabled. It is note that LED is changed to serial mode
automatically. User should not enable MII2 if pin 54
MII1_PHY_MOD is pulled low.
0: MII2 is disabled (default).
It is valid only if P4EXT is pulled high.
The
configuration
function
of
pin
Px_FORCE_FULL,
Px_FORCE_100,
BF_STM_EN,
LINK_Q,
X_EN,
and
MII0_MAC_MODE are disabled when this pin is pulled high.
It becomes an output pin MDC1 after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com