Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 26 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 26 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 22Page - Power Integrations, Inc. TOP242P Datasheet HTML 23Page - Power Integrations, Inc. TOP242P Datasheet HTML 24Page - Power Integrations, Inc. TOP242P Datasheet HTML 25Page - Power Integrations, Inc. TOP242P Datasheet HTML 26Page - Power Integrations, Inc. TOP242P Datasheet HTML 27Page - Power Integrations, Inc. TOP242P Datasheet HTML 28Page - Power Integrations, Inc. TOP242P Datasheet HTML 29Page - Power Integrations, Inc. TOP242P Datasheet HTML 30Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
TOP242-250
M
12/04
26
Function
TOPSwitch-II TOPSwitch-GX
Figures
TOPSwitch-GX
Advantages
Soft-Start
N/A*
10 ms
• Limits peak current and voltage
component stresses during start-
up
• Eliminates external components
used for soft-start in most
applications
• Reduces or eliminates output
overshoot
External Current
Limit
N/A*
Programmable 100%
to 30% of default
current limit
11,20,21,
24,25,27,
28,34,35,
38,39
• Smaller transformer
• Higher efficiency
• Allows power limiting (constant
overload power independent of
line voltage)
• Allows use of larger device for
lower losses, higher efficiency
and smaller heatsink
DC
MAX
67%
78%
7
• Smaller input cap (wider dynamic
range)
• Higher power capability (when
used with RCD clamp for large
V
OR)
• Allows use of Schottky secondary
rectifier diode for up to 15 V
output for high efficiency
Line Feed-Forward
with DC
MAX Reduction
N/A*
78% to 38%
7,11,17,
26,27,28,
31,40
• Rejects line ripple
Line OV Shutdown
N/A*
Single resistor
programmable
11,17,19,
26,27,28
31,33,40
• Increases voltage withstand
capability against line surge
Line UV Detection
N/A*
Single resistor
programmable
11,17,18,
26,27,28,
31,32,40
• Prevents auto-restart glitches
during power down
Switching Frequency 100 kHz ±10%
132 kHz ±6%
13,15
• Smaller transformer
• Below start of conducted EMI
limits
Table 4. Comparison Between TOPSwitch-II and TOPSwitch-GX (continued on next page).
*Not available
Key Application Considerations
TOPSwitch-II
vs. TOPSwitch-GX
Table 4 compares the features and performance differences
between TOPSwitch-GX and TOPSwitch-II. Many of the new
features eliminate the need for additional discrete components.
Other features increase the robustness of design, allowing cost
savings in the transformer and other power components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com