Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TOP242P Datasheet HTML 1Page - Power Integrations, Inc. TOP242P Datasheet HTML 2Page - Power Integrations, Inc. TOP242P Datasheet HTML 3Page - Power Integrations, Inc. TOP242P Datasheet HTML 4Page - Power Integrations, Inc. TOP242P Datasheet HTML 5Page - Power Integrations, Inc. TOP242P Datasheet HTML 6Page - Power Integrations, Inc. TOP242P Datasheet HTML 7Page - Power Integrations, Inc. TOP242P Datasheet HTML 8Page - Power Integrations, Inc. TOP242P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TOP242-250
M
12/04
4
Pin Functional Description
DRAIN (D) Pin:
High voltage power MOSFET drain output. The internal
start-up bias current is drawn from this pin through a switched
high-voltage current source. Internal current limit sense point
for drain current.
CONTROL (C) Pin:
Error amplifier and feedback current input pin for duty cycle
control. Internal shunt regulator connection to provide internal
bias current during normal operation. It is also used as the
connection point for the supply bypass and auto-restart/
compensation capacitor.
LINE-SENSE (L) Pin: (Y, R or F package only)
Input pin for OV, UV, line feed forward with DC
MAX reduction,
remoteON/OFFandsynchronization. AconnectiontoSOURCE
pin disables all functions on this pin.
EXTERNALCURRENTLIMIT(X)Pin:(Y,RorFpackage
only)
Input pin for external current limit adjustment, remote
ON/OFF, and synchronization. A connection to SOURCE pin
disables all functions on this pin.
MULTI-FUNCTION (M) Pin: (P or G package only)
This pin combines the functions of the LINE-SENSE (L) and
EXTERNAL CURRENT LIMIT (X) pins of the Y package
into one pin. Input pin for OV, UV, line feed forward with
DC
MAX reduction, external current limit adjustment, remote
ON/OFF and synchronization. A connection to SOURCE pin
disables all functions on this pin and makes TOPSwitch-GX
operate in simple three terminal mode (like TOPSwitch-II).
FREQUENCY (F) Pin: (Y, R or F package only)
Input pin for selecting switching frequency: 132 kHz if
connected to SOURCE pin and 66 kHz if connected to
CONTROL pin. The switching frequency is internally set for
fixed 132 kHz operation in P and G packages.
SOURCE (S) Pin:
Output MOSFET source connection for high voltage power
return. Primary side control circuit common and reference point.
PI-2724-010802
Tab Internally
Connected to
SOURCE Pin
Y Package (TO-220-7C)
C
D
S
S
S
S
1 C
3 X
2 L
5 F
4 S
7 D
M
P Package (DIP-8B)
G Package (SMD-8B)
R Package (TO-263-7C)
F Package (TO-262-7C)
8
5
7
1
1 2 3 4 5
7
C L X S F D
4
2
3
Figure 3. Pin Configuration (top view).
X
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
RIL
RLS
12 k
Ω
2 M
Ω
VUV = IUV x RLS
VOV = IOV x RLS
For RLS = 2 M
Ω
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 38%
For RIL = 12 kΩ
ILIMIT = 69%
See Figure 54b for
other resistor values
(RIL) to select different
ILIMIT values
VUV = 100 VDC
VOV = 450 VDC
PI-2509-040501
DC
Input
Voltage
+
-
D
M
S
C
VUV = IUV x RLS
VOV = IOV x RLS
For RLS = 2 MΩ
VUV = 100 VDC
VOV = 450 VDC
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 38%
CONTROL
RLS
2 M
Ω
PI-2517-022604
DC
Input
Voltage
+
-
D
M
S
C
For RIL = 12 kΩ
ILIMIT = 69%
CONTROL
RIL
See Figures 54b, 55b
and 56b for other resistor
values (RIL) to select
different ILIMIT values.
For RIL = 25 kΩ
ILIMIT = 43%
Figure 4. Y/R/F Pkg Line Sense and Externally Set Current Limit.
Figure 5. P/G Package Line Sense.
Figure 6. P/G Package Externally Set Current Limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com