Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 28 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 28 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 24Page - Power Integrations, Inc. TOP242P Datasheet HTML 25Page - Power Integrations, Inc. TOP242P Datasheet HTML 26Page - Power Integrations, Inc. TOP242P Datasheet HTML 27Page - Power Integrations, Inc. TOP242P Datasheet HTML 28Page - Power Integrations, Inc. TOP242P Datasheet HTML 29Page - Power Integrations, Inc. TOP242P Datasheet HTML 30Page - Power Integrations, Inc. TOP242P Datasheet HTML 31Page - Power Integrations, Inc. TOP242P Datasheet HTML 32Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
TOP242-250
M
12/04
28
Function
TOPSwitch-FX TOPSwitch-GX
TOPSwitch-GX
Advantages
Light Load Operation Cycle skipping
Frequency and duty
cycle reduction
• Improves light load efficiency
• Reduces no-load consumption
Line Sensing/Exter-
nally Set Current
Limit (Y, R and F
Packages)
Line sensing and
externally set current
limit mutually
exclusive (M pin)
Line sensing and
externally set current
limit possible simul-
taneously (functions
split onto L and X pins
• Additional design flexibility allows all
features to be used simultaneously
Current Limit
Programming Range
100% to 40%
100% to 30%
• Minimizes transformer core size in highly
continuous designs
P/G Package Current
Limits
Identical to Y
package
TOP243-246 P and
G packages internal
current limits reduced
• Matches device current limit to package
dissipation capability
• Allows more continuous design to lower
device dissipation (lower RMS currents)
Y/R/F Package
Current Limits
100% (R and F
package N/A*)
90% (for equivalent
R
DS(ON))
• Minimizes transformer core size
• Optomizes efficiency for most
applications
Thermal Shutdown
125 °C min.
70 °C hysteresis
130 °C min.
75 °C hysteresis
• Allows higher output powers in high
ambient temperature applications
Maximum Duty Cycle
Reduction Threshold
90 µA
60 µA
• Reduces output line frequency ripple at
low line
• DC
MAX reduction optimized for forward
design
Line Under-Voltage
Negative (turn-off)
Threshold
N/A*
40% of positive
(turn-on) threshold
• Provides a well defined turn-off threshold
as the line voltage falls
Soft-Start
10 ms (duty cycle)
10 ms (duty cycle +
current limit)
• Gradually increasing current limit in
addition to duty cycle during soft-start
further reduces peak current and voltage
• Further reduces component stresses
during start up
TOPSwitch-FX
vs. TOPSwitch-GX
Table 5 compares the features and performance differences
between TOPSwitch-GX and TOPSwitch-FX. Many of the new
features eliminate the need for additional discrete components.
Other features increase the robustness of design, allowing cost
savings in the transformer and other power components.
TOPSwitch-GX
Design Considerations
Power Table
Data sheet power table (Table 1) represents the maximum
practical continuous output power based on the following
conditions: TOP242 to TOP246: 12 V output, Schottky output
diode, 150 V reflected voltage (V
OR) and efficiency estimates
from curves contained in application note AN-29. TOP247
to TOP250: Higher output voltages, with a maximum output
current of 6 A.
For all devices, a 100 VDC minimum for 85-265 VAC and
250 VDC minimum for 230 VAC are assumed and sufficient
heat sinking to keep device temperature ≤100 °C. Power
levels shown in the power table for the R package device
assume 6.45 cm2 of 610 g/m2 copper heat sink area in an
enclosed adapter, or 19.4 cm2 in an open frame.
TOPSwitch-GX
Selection
Selecting the optimum TOPSwitch-GX depends upon required
maximum output power, efficiency, heat sinking constraints
and cost goals. With the option to externally reduce current
limit, a larger TOPSwitch-GX may be used for lower power
applications where higher efficiency is needed or minimal heat
sinking is available.
Table 5. Comparison Between TOPSwitch-FX and TOPSwitch-GX.
*Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com