Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 6Page - Power Integrations, Inc. TOP242P Datasheet HTML 7Page - Power Integrations, Inc. TOP242P Datasheet HTML 8Page - Power Integrations, Inc. TOP242P Datasheet HTML 9Page - Power Integrations, Inc. TOP242P Datasheet HTML 10Page - Power Integrations, Inc. TOP242P Datasheet HTML 11Page - Power Integrations, Inc. TOP242P Datasheet HTML 12Page - Power Integrations, Inc. TOP242P Datasheet HTML 13Page - Power Integrations, Inc. TOP242P Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
TOP242-250
M
12/04
10
Table 2. Typical LINE-SENSE and EXTERNAL CURRENT LIMIT Pin Configurations.
Bandgap Reference
All critical TOPSwitch-GX internal voltages are derived from
a temperature-compensated bandgap reference. This reference
is also used to generate a temperature-compensated current
reference, which is trimmed to accurately set the switching
frequency, MOSFET gate drive current, current limit, and the
lineOV/UVthresholds. TOPSwitch-GXhasimprovedcircuitry
to maintain all of the above critical parameters within very tight
absolute and temperature tolerances.
High-Voltage Bias Current Source
This current source biases TOPSwitch-GX from the DRAIN
pin and charges the CONTROL pin external capacitance
during start-up or hysteretic operation. Hysteretic operation
occurs during auto-restart, remote OFF and over-temperature
shutdown. In this mode of operation, the current source
is switched on and off with an effective duty cycle of
approximately 35%. This duty cycle is determined by the
ratio of CONTROL pin charge (I
C) and discharge currents
(I
CD1 and ICD2). This current source is turned off during normal
operation when the output MOSFET is switching. The effect of
the current source switching will be seen on the DRAIN voltage
waveform as small disturbances and is normal.
Using Feature Pins
FREQUENCY (F) Pin Operation
The FREQUENCY pin is a digital input pin available in the
Y, R or F package only. Shorting the FREQUENCY pin to
SOURCE pin selects the nominal switching frequency of
132 kHz (Figure 13), which is suited for most applications.
For other cases that may benefit from lower switching
frequency such as noise sensitive video applications, a
66 kHz switching frequency (half frequency) can be selected by
shorting the FREQUENCY pin to the CONTROL pin
(Figure 14). In addition, an example circuit shown in Figure 15
may be used to lower the switching frequency from 132 kHz in
normal operation to 66 kHz in standby mode for very low
standby power consumption.
LINE-SENSE (L) Pin Operation (Y, R and F Packages)
When current is fed into the LINE-SENSE pin, it works as
a voltage source of approximately 2.6 V up to a maximum
current of +400 µA (typical). At +400 µA, this pin turns into
a constant current sink. Refer to Figure 12a. In addition, a
comparator with a threshold of 1 V is connected at the pin and
is used to detect when the pin is shorted to the SOURCE pin.
There are a total of four functions available through the use of
the LINE-SENSE pin: OV, UV, line feed-forward with DC
MAX
reduction, and remote ON/OFF. Connecting the LINE-SENSE
pin to the SOURCE pin disables all four functions. The LINE-
SENSE pin is typically used for line sensing by connecting a
resistor from this pin to the rectified DC high voltage bus to
implement OV, UV and DC
MAX reduction with line voltage. In
this mode, the value of the resistor determines the line OV/UV
thresholds, and the DC
MAX is reduced linearly with rectified DC
high voltage starting from just above the UVthreshold. The pin
can also be used as a remote ON/OFF and a synchronization
input. RefertoTable2forpossiblecombinationsofthefunctions
with example circuits shown in Figure 16 through Figure 40. A
description of specific functions in terms of the LINE-SENSE
pin I/V characteristic is shown in Figure 11 (right hand side).
The horizontal axis represents LINE-SENSE pin current with
positive polarity indicating currents flowing into the pin. The
meaning of the vertical axes varies with functions. For those
that control the ON/OFF states of the output such as UV, OV
and remote ON/OFF, the vertical axis represents the enable/
disable states of the output. UV triggers at I
UV (+50 µA typical
with 30 µA hysteresis) and OV triggers at I
OV (+225 µA
typical with 8 µA hysteresis). Between the UV and OV
thresholds, the output is enabled. For line feed-forward with
LINE-SENSE AND EXTERNAL CURRENT LIMIT PIN TABLE*
Figure Number
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Three Terminal Operation
✓
Under-Voltage
✓
✓
✓
✓
✓
Overvoltage
✓
✓
✓
✓
✓
Line Feed-Forward (DC
MAX)
✓
✓
✓
✓
Overload Power Limiting
✓
External Current Limit
✓
✓
✓
✓
✓
✓
Remote ON/OFF
✓
✓
✓
✓
✓
✓
✓
*This table is only a partial list of many LINE-SENSE and EXTERNAL CURRENT LIMIT pin configurations that are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com