Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 41 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 41 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 37Page - Power Integrations, Inc. TOP242P Datasheet HTML 38Page - Power Integrations, Inc. TOP242P Datasheet HTML 39Page - Power Integrations, Inc. TOP242P Datasheet HTML 40Page - Power Integrations, Inc. TOP242P Datasheet HTML 41Page - Power Integrations, Inc. TOP242P Datasheet HTML 42Page - Power Integrations, Inc. TOP242P Datasheet HTML 43Page - Power Integrations, Inc. TOP242P Datasheet HTML 44Page - Power Integrations, Inc. TOP242P Datasheet HTML 45Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
TOP242-250
41
M
12/04
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
-250
-200
-150
-100
-50
IM (µA)
PI-3652-031904
0
Scaling Factor:
TOP245P: 1.1
40
60
80
100
120
140
160
180
200
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
40
60
80
100
120
140
160
180
200
0
5K
10K
15K
20K
25K
30K
35K
40K
External Current Limit Resistor RIL (Ω)
PI-3651-031804
45K
Measured at 25
°C.
Scaling Factor:
TOP245P: 1.1
Typical
Refer to MULTIFUNCTION (M) Pin
Operation section
.70
.80
.75
.85
.90
1.00
.95
1.05
1.10
1.15
1.20
1.25
0
5K
10K
15K
20K
25K
30K
35K
40K
External Current Limit Resistor RIL (Ω)
45K
0
°C
100
°C
25
°C
Figure 55b. Current Limit vs. External Current Limit Resistance (TOP245P only).
Figure 55c. External Current Limit vs. External Current Limit Resistance at 0 °C, 25 °C and 100 °C Junction
Temperature (TOP245P only).
Figure 55a. Current Limit vs. MULTI-FUNCTION Pin Current (TOP245P only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com