Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 34 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 34 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 30Page - Power Integrations, Inc. TOP242P Datasheet HTML 31Page - Power Integrations, Inc. TOP242P Datasheet HTML 32Page - Power Integrations, Inc. TOP242P Datasheet HTML 33Page - Power Integrations, Inc. TOP242P Datasheet HTML 34Page - Power Integrations, Inc. TOP242P Datasheet HTML 35Page - Power Integrations, Inc. TOP242P Datasheet HTML 36Page - Power Integrations, Inc. TOP242P Datasheet HTML 37Page - Power Integrations, Inc. TOP242P Datasheet HTML 38Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
TOP242-250
M
12/04
34
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 53
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS (cont.)
Maximum Duty
Cycle
DC
MAX
I
C = ICD1
I
L ≤ IL(DC) or IM ≤ IM(DC)
75
78
83
%
I
L or IM = 190 µA
TOP242-245
28
38
50
I
L or IM = 100 µA
TOP242-245
66.5
I
L or IM = 190 µA
TOP246-250
33
41.3
49.5
I
L or IM = 100 µA
TOP246-250
60
66.8
73.5
Soft-Start Time
t
SOFT
T
J = 25 °C; DCMIN to DCMAX
10
15
ms
PWM Gain
DC
reg
I
C = 4 mA; TJ = 25 °C
-28
-23
-18
%/mA
PWM Gain
Temperature Drift
See Note A
-0.01
%/mA/°C
External Bias
Current
I
B
See Figure 7
TOP242-245
1.2
2.0
3.0
mA
TOP246-249
1.6
2.6
4.0
TOP250
1.7
2.7
4.2
CONTROL
Current at 0%
Duty Cycle
I
C(OFF)
T
J = 25 °C
TOP242-245
6.0
7.0
mA
TOP246-249
6.6
8.0
TOP250
7.3
8.5
Dynamic
Impedance
Z
C
I
C = 4 mA; TJ = 25 °C
See Figure 51
10
15
22
Ω
Dynamic
Impedance
Temperature Drift
0.18
%/°C
CONTROL Pin
Internal Filter Pole
7
kHz
SHUTDOWN/AUTO-RESTART
CONTROL Pin
Charging Current
I
C(CH)
T
J = 25 °C
V
C = 0 V
-5.0
-3.5
-2.0
mA
V
C = 5 V
-3.0
-1.8
-0.6
Charging Current
Temperature Drift
See Note A
0.5
%/°C
Auto-Restart
Upper Threshold
Voltage
V
C(AR)U
5.8
V
Auto-Restart
Lower Threshold
Voltage
V
C(AR)L
4.5
4.8
5.1
V
Auto-Restart
Hysteresis Voltage VC(AR)hyst
0.8
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com