Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 44 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 44 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 40Page - Power Integrations, Inc. TOP242P Datasheet HTML 41Page - Power Integrations, Inc. TOP242P Datasheet HTML 42Page - Power Integrations, Inc. TOP242P Datasheet HTML 43Page - Power Integrations, Inc. TOP242P Datasheet HTML 44Page - Power Integrations, Inc. TOP242P Datasheet HTML 45Page - Power Integrations, Inc. TOP242P Datasheet HTML 46Page - Power Integrations, Inc. TOP242P Datasheet HTML 47Page - Power Integrations, Inc. TOP242P Datasheet HTML 48Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
TOP242-250
M
12/04
44
Typical Performance Characteristics (cont.)
Figure 63a. LINE-SENSE Pin Voltage vs. Current.
6.0
4.5
5.5
5.0
2.0
0
100
200
300
400
LINE-SENSE Pin Current (
µA)
3.0
2.5
3.5
4.0
1.6
1.0
1.4
1.2
0
-240
-180
-60
-120
0
EXTERNAL CURRENT LIMIT Pin Current (
µA)
0.4
0.2
0.6
0.8
VX = 1.33 - IXx 0.66 kΩ
-200
µA
≤ I
X ≤ -25 µA
6
5
4
3
2
1
0
-300 -200 -100 0
100 200 300 400 500
MULTI-FUNCTION Pin Current (
µA)
See
Expanded
Version
1.2
1.4
1.6
0.4
0.6
0.2
0.8
1.0
0
-300
-200 -150
-50
-250
-100
0
MULTI-FUNCTION Pin Current (
µA)
VM = 1.37 - IMx 1 kΩ
-200
µA
≤ I
M ≤ -25 µA
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50 75 100 125 150
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50 75 100 125 150
Junction Temperature (
°C)
Figure 63b. EXTERNAL CURRENT LIMIT Pin Voltage
vs. Current.
Figure 64a. MULTI-FUNCTION Pin Voltage vs. Current.
Figure 64b. MULTI-FUNCTION Pin Voltage vs. Current
(Expanded).
Figure 65. Control Current Out at 0% Duty Cycle
vs. Temperaure.
Figure 66. Max. Duty Cycle Reduction Onset Threshold
Current vs. Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com