Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 49 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 49 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 44Page - Power Integrations, Inc. TOP242P Datasheet HTML 45Page - Power Integrations, Inc. TOP242P Datasheet HTML 46Page - Power Integrations, Inc. TOP242P Datasheet HTML 47Page - Power Integrations, Inc. TOP242P Datasheet HTML 48Page - Power Integrations, Inc. TOP242P Datasheet HTML 49Page - Power Integrations, Inc. TOP242P Datasheet HTML 50Page - Power Integrations, Inc. TOP242P Datasheet HTML 51Page - Power Integrations, Inc. TOP242P Datasheet HTML 52Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
TOP242-250
49
M
12/04
.165 (4.19)
.185 (4.70)
R07C
TO-263-7C
PI-2664-122004
-A-
LD #1
.580 (14.73)
.620 (15.75)
.390 (9.91)
.420 (10.67)
.326 (8.28)
.336 (8.53)
.055 (1.40)
.066 (1.68)
.100 (2.54)
REF
0.68 (1.73)
MIN
.208 (5.28)
Ref.
.024 (0.61)
.034 (0.86)
.225 (5.72)
MIN
.245 (6.22)
MIN
.000 (0.00)
.010 (0.25)
.010 (0.25)
.090 (2.29)
.110 (2.79)
.012 (0.30)
.024 (0.61)
°8
-°0
.045 (1.14)
.055 (1.40)
.050 (1.27)
Notes:
1. Package Outline Exclusive of Mold Flash & Metal Burr.
2. Package Outline Inclusive of Plating Thickness.
3. Foot Length Measured at Intercept Point Between
Datum A Lead Surface.
4. Controlling Dimensions are in Inches. Millimeter
Dimensions are shown in Parentheses.
5. Minimum metal to metal spacing at the package body
for the omitted pin locations is .068 in. (1.73 mm).
.004 (0.10)
.315 (8.00)
.128 (3.25)
.038 (0.97)
.050 (1.27)
.380 (9.65)
.638 (16.21)
Solder Pad
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com