Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242P Datasheet(PDF) 36 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 36 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 32Page - Power Integrations, Inc. TOP242P Datasheet HTML 33Page - Power Integrations, Inc. TOP242P Datasheet HTML 34Page - Power Integrations, Inc. TOP242P Datasheet HTML 35Page - Power Integrations, Inc. TOP242P Datasheet HTML 36Page - Power Integrations, Inc. TOP242P Datasheet HTML 37Page - Power Integrations, Inc. TOP242P Datasheet HTML 38Page - Power Integrations, Inc. TOP242P Datasheet HTML 39Page - Power Integrations, Inc. TOP242P Datasheet HTML 40Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
TOP242-250
M
12/04
36
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 53
(Unless Otherwise Specified)
Min
Typ
Max
Units
MULTI-FUNCTION, LINSE-SENSE AND EXTERNAL CURRENT LIMIT INPUTS (cont.)
Remote OFF
DRAIN Supply
Current
I
D(RMT)
See Figure 71
V
DRAIN = 150 V
T
J = 25 °C
X, L or M Pin
Floating
0.6
1.0
mA
L or M Pin Shorted
to CONTROL
1.0
1.6
Remote ON Delay
t
R(ON)
From Remote ON to Drain Turn-On
See Note B
2.5
µ
s
Remote OFF
Setup Time
t
R(OFF)
Minimum Time Before Drain Turn-On
to Disable Cycle, See Note B
2.5
µ
s
FREQUENCY INPUT
FREQUENCY Pin
Threshold Voltage
V
F
See Note B
2.9
V
FREQUENCY Pin
Input Current
I
F
V
F = VC
10
40
100
µ
A
CIRCUIT PROTECTION
Self Protection
Current Limit
(See Note C)
I
LIMIT
TOP242 P/G
TOP242 Y/R/F
T
J = 25 °C
Internal
di/dt = 90 mA/µs
0.418
0.45
0.481
A
TOP243 P/G
T
J = 25 °C
Internal
di/dt = 150 mA/µs
0.697
0.75
0.802
TOP243 Y/R/F
T
J = 25 °C
Internal
di/dt = 180 mA/µs
0.837
0.90
0.963
TOP244 P/G
T
J = 25 °C
Internal
di/dt = 200 mA/µs
0.930
1.00
1.070
TOP244 Y/R/F
T
J = 25 °C
Internal
di/dt = 270 mA/µs
1.256
1.35
1.445
TOP245 P
T
J = 25 °C
Internal
di/dt = 220 mA/µs
1.02
1.10
1.18
TOP245 Y/R/F
T
J = 25 °C
Internal
di/dt = 360 mA/µs
1.674
1.80
1.926
TOP246 P
T
J = 25 °C
Internal
di/dt = 270 mA/µs
1.256
1.35
1.445
TOP246 Y/R/F
T
J = 25 °C
Internal
di/dt = 540 mA/µs
2.511
2.70
2.889
TOP247 Y/R/F
T
J = 25 °C
Internal
di/dt = 720 mA/µs
3.348
3.60
3.852
TOP248 Y/R/F
T
J = 25 °C
Internal
di/dt = 900 mA/µs
4.185
4.50
4.815
TOP249 Y/R/F
T
J = 25 °C
Internal
di/dt = 1080 mA/µs
5.022
5.40
5.778
TOP250 Y/R/F
T
J = 25 °C
Internal
di/dt = 1260 mA/µs
5.859
6.30
6.741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com