Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 12Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 13Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 14Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 15Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 16Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 17Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 18Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 19Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
0.02
0.1
1
10
40
OUTPUT AMPLITUDE (VPP)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VS = 30V
f = 1 kHz
AV = +2
RL = 100 k:
1k
100k
100M
FREQUENCY (Hz)
20
60
90
130
10M
1M
10k
120
80
40
30
50
70
100
110
VS = 5V
RL = 10 k:
0.02
0.1
1
10 20
OUTPUT AMPLITUDE (VPP)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VS = 10V
f = 1 kHz
AV = +2
RL = 100 k:
0.02
0.1
1
6
OUTPUT AMPLITUDE (VPP)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VS = 5V
f = 1 kHz
AV = +2
RL = 100 k:
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C.
Figure 43. THD+N vs Output Amplitude (VPP)
Figure 44. THD+N vs Output Amplitude (VPP)
Figure 46. Crosstalk vs Frequency
Figure 45. THD+N vs Output Amplitude (VPP)
16
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com