Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 7Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 8Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 9Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 10Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 11Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 12Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 13Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 14Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
0
10
20
30
40
1
1.2
1.4
1.6
1.8
2
2.2
2.4
VS (V)
125°C
85°C
25°C
-40°C
VCM = V
-
+ 0.5V
0.1
1
10
100
1000
ISINK (mA)
0.001
0.01
0.1
1
10
-40°C
125°C
85°C
25°C
VS = 5V
-5
0
5
10
15
20
25
30
35
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
125°C
85°C
25°C
-40°C
VS = 30V
VS (V)
0
10
20
30
1.4
1.6
1.8
2
2.2
2.4
3.6
10
2.6
2.8
3
3.2
3.4
125°C
85°C
25°C
-40°C
VCM = V
-
+ 0.5V
-1
0
1
2
3
4
5
6
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
125°C
85°C
25°C
-40°C
VS = 5V
-1
1
3
5
7
9
11
13
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
125°C
85°C
25°C
-40°C
VS = 12V
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C.
Figure 13. IS vs VCM
Figure 14. IS vs VCM
Figure 15. IS vs VCM
Figure 16. IS vs Supply Voltage
Figure 18. Output Swing vs Sinking Current
Figure 17. IS vs Supply Voltage
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com