Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 5Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 6Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 7Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 8Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 9Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 10Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 11Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 12Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
0
5
10
15
20
25
30
VCM (V)
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-5
35
25°C
-40°C
VS = 30V
85°C
125°C
0
5
10
15
20
25
30
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
VCM (V)
35
-5
125°C
-40°C
85°C
25°C
VS = 30V
-1
0
1
2
3
4
5
VCM (V)
-4
-3.5
-3
-2.5
-2
-1.5
-1
6
125°C
-40°C
25°C
125°C
VS = 5V
85°C
-1
0
1
2
3
4
5
VCM (V)
0
0.5
1
1.5
2
2.5
6
-40°C
25°C
125°C
85°C
VS = 5V
-1
0
1
2
3
4
5
6
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
VCM (V)
85°C
25°C
125°C
-40°C
VS = 5V
-3
-2
-1
0
1
2
3
VOS (mV)
0
2
4
6
8
10
12
VS = 10V
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
6.8 Typical Characteristics
Unless otherwise specified, TA = 25°C.
Figure 1. VOS Distribution
Figure 2. VOS vs VCM (Unit 1)
Figure 3. VOS vs VCM (Unit 2)
Figure 4. VOS vs VCM (Unit 3)
Figure 5. VOS vs VCM (Unit 1)
Figure 6. VOS vs VCM (Unit 2)
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com