Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 4Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 5Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 6Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 7Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 8Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 9Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 10Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 11Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
±15-V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = +15 V, V− = −15 V, V
CM = 0 V, VO = 0 V, and RL > 1 MΩ
to 0 V.
(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
20
250
IOS
Input offset current
nA
At the temperature extremes
300
−15 V ≤ VCM ≤ 12 V
74
88
At the temperature extremes
74
CMRR
Common-mode rejection ratio
dB
−15 V ≤ VCM ≤ 15 V
72
80
At the temperature extremes
72
−10 V ≤ V+ ≤ 15 V, VCM = −14.5 V
78
100
PSRR
Power supply rejection ratio
dB
At the temperature extremes
74
−15.3
−15.1
CMRR > 50 dB
15.1
Input common-mode voltage
CMVR
V
range
15.3
−15
At the temperature extremes
15
−14 V ≤ VO ≤ 14 V
72
80
RL = 10 kΩ to 0 V
AVOL
Large signal voltage gain
dB
At the temperature extremes
70
RL = 10 kΩ to 0 V
100
350
VID = 100 mV
At the temperature extremes
400
Output swing
high
RL = 2 kΩ to 0 V
200
550
VID = 100 mV
At the temperature extremes
600
mV from
VO
either rail
RL = 10 kΩ to 0 V
20
450
VID = −100 mV
At the temperature extremes
500
Output swing
low
RL = 2 kΩ to 0 V
25
550
VID = −100 mV
At the temperature extremes
600
Sourcing from V+, VID = 200 mV
(6)
140
ISC
Output short circuit current
mA
Sinking to V−, VID = −200 mV
(6)
140
IOUT
Output current
VID = ±200 mV, VO = 1 V from rails
±70
mA
No Load, VCM = −14.5 V
2
2.5
IS
Total supply current
mA
At the temperature extremes
3
AV = +1, VI = 20-V Step, RL = 1 MΩ,
SR
Slew rate(7)
15.2
V/µs
CL = 10 pF
fu
Unity-gain frequency
RL = 10 MΩ, CL = 20 pF
9
MHz
GBWP
Gain bandwidth product
f = 50 kHz
21
MHz
en
Input-referred voltage noise
f = 2 kHz
15.5
nV/
√HZ
in
Input-referred current noise
f = 2 kHz
1
pA/
√HZ
Total harmonic distortion plus
AV = +2, RL = 100 kΩ, f = 1 kHz
THD+N
−93
dB
noise
VO = 25 VPP
CT Rej.
Crosstalk rejection
f = 3 MHz, Driver RL = 10 kΩ
68
dB
(6)
Short-circuit test is a momentary test. Output short circuit duration is infinite for VS ≤ 6 V at room temperature and below. For VS > 6V,
allowable short circuit duration is 1.5 ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a voltage follower.
8
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com