Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 18Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 19Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 20Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 21Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 22Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 23Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 24Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 25Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
0.02
0.1
1
6
OUTPUT AMPLITUDE (VPP)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VS = 5V
f = 1 kHz
AV = +2
RL = 100 k:
1k
100k
100M
FREQUENCY (Hz)
20
60
90
130
10M
1M
10k
120
80
40
30
50
70
100
110
VS = 5V
RL = 10 k:
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Typical Application (continued)
8.2.3 Application Curves
Figure 52. Crosstalk Rejection vs. Frequency
Figure 51. THD+N vs Output Amplitude
9 Power Supply Recommendations
The use of supply decoupling is mandatory in most applications. As with most relatively high-speed or high
output current operational amplifiers, best results are achieved when each supply line is decoupled with two
capacitors: a small value ceramic capacitor (approximately 0.01 µF) placed very close to the supply lead in
addition to a large value tantalum or aluminum capacitor (> 4.7 µF). The large capacitor can be shared by more
than one device if necessary. The small ceramic capacitor maintains low supply impedance at high frequencies
while the large capacitor acts as the charge bucket for fast load current spikes at the operational amplifier output.
The combination of these capacitors provides supply decoupling and helps keep the operational amplifier
oscillation free under any load.
22
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com