Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 19Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 20Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 21Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 22Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 23Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 24Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 25Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 26Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
IN+B
IN+A
OUT+A
OUT+B
1
GND
2
IN–B
1
IN–B
1
IN–B
2
OUTB
2
OUTB
1
+3.3V
2
GND
1
GND
2
IN–A
1
IN–A
1
IN–A
2
OUTA
2
OUTA
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
10 Layout
10.1 Layout Guidelines
Take care to minimize the loop area formed by the bypass capacitor connection between supply pins and
ground. A ground plane underneath the device is recommended; any bypass components to ground must have a
nearby via to the ground plane. The optimum bypass capacitor placement is closest to the corresponding supply
pin. Use of thicker traces from the bypass capacitors to the corresponding supply pins lowers the power supply
inductance and provide a more stable power supply.
The feedback components must be placed as close to the device as possible to minimize stray parasitics.
10.2 Layout Example
Figure 53. LM7332 Layout Example
10.3 Output Short Circuit Current and Dissipation Issues
The LM7332 output stage is designed for maximum output current capability. Even though momentary output
shorts to ground and either supply can be tolerated at all operating voltages, longer-lasting short conditions can
cause the junction temperature to rise beyond the absolute maximum rating of the device, especially at higher
supply voltage conditions. Below a supply voltage of 6 V, the output short circuit condition can be tolerated
indefinitely.
With the operational amplifier tied to a load, the device power dissipation consists of the quiescent power due to
the supply current flow into the device, in addition to power dissipation due to the load current. The load portion
of the power itself could include an average value (due to a DC load current) and an AC component. DC load
current would flow if there is an output voltage offset, or the output AC average current is non-zero, or if the
operational amplifier operates in a single-supply application where the output is maintained somewhere in the
range of linear operation.
Therefore,
PTOTAL = PQ + PDC + PAC
(5)
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com