Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 13Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 14Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 15Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 16Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 17Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 18Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 19Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 20Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
IN- A
IN+ A
V
-
V
+
IN- B
IN+ B
-
A
B
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The LM7332 device is a rail-to-rail input and output amplifier with wide operating voltages and high-output
currents. The LM7322 is efficient, achieving 15.2-V/µs slew rate and 21-MHz unity gain bandwidth while requiring
only 2 mA of total supply current. The LM7332 device performance is fully specified for operation at 5 V, ±5 V
and ±15 V.
The LM7332 device is designed to drive unlimited capacitive loads without oscillations. The LM7332 is fully
tested at
−40°C, 125°C, and 25°C, with modern automatic test equipment. High performance from −40°C to
+125°C, detailed specifications, and extensive testing makes them suitable for industrial, automotive, and
communications applications.
Most device parameters are insensitive to power supply voltage, and this makes the parts easier to use where
supply voltage may vary, such as automotive electrical systems and battery-powered equipment. The LM7332
has a true rail-to-rail output and can supply a respectable amount of current (±70 mA) with minimal head room
from either rail (1 V).
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Estimating the Output Voltage Swing
It is important to keep in mind that the steady-state output current will be less than the current available when
there is an input overdrive present. For steady-state conditions, Figure 47 and Figure 48 plots can be used to
predict the output swing. These plots also show several load lines corresponding to loads tied between the
output and ground. In each case, the intersection of the device plot at the appropriate temperature with the load
line would be the typical output swing possible for that load. For example, a 600-
Ω load can accommodate an
output swing to within 100 mV of V− and to 250 mV of V+ (VS = ±5 V) corresponding to a typical 9.65-VPP
unclipped swing.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com