Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM7332MA/NOPB Datasheet HTML 1Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 2Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 3Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 4Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 5Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 6Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 7Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 8Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
2 Ps/DIV
10 pF
VS = 10V, AV = +1, RL = 1 M:
2000 pF
10,000 pF
20,000 pF
0.1
1
10
100
1000
ISOURCE (mA)
0.01
0.1
1
10
100
125°C
85°C
-40°C
25°C
VS = 30V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output,
Operational Amplifier
1 Features
3 Description
The LM7332 device is a dual rail-to-rail input and
1
•
VS = ±15 V, TA = 25°C, Typical Values Unless
output amplifier with a wide operating temperature
Specified
range (
−40°C to +125°C) that meets the needs of
•
Wide Supply Voltage Range 2.5 V to 32 V
automotive, industrial, and power supply applications.
•
Wide Input Common Mode Voltage 0.3 V Beyond
The LM7332 has an output current of 100 mA, which
is higher than that of most monolithic operational
Rails
amplifiers. Circuit designs with high output current
•
Output Short Circuit Current > 100 mA
requirements
often
require
discrete
transistors
•
High Output Current (1 V from Rails) ±70 mA
because
many
operational
amplifiers
have
low
•
GBWP 21 MHz
current output. The LM7332 has enough current
output to drive many loads directly, saving the cost
•
Slew Rate 15.2 V/µs
and space of the discrete transistors.
•
Capacitive Load Tolerance Unlimited
The exceptionally wide operating supply voltage
•
Total Supply Current 2 mA
range of 2.5 V to 32 V alleviates any concerns over
•
Temperature Range
−40°C to +125°C
functionality under extreme conditions and offers
•
Tested at
−40°C, +125°C,
flexibility of use in a multitude of applications. Most
and +25°C at 5 V, ±5 V, ±15 V
parameters of this device are insensitive to power
supply variations; this design enhancement is another
step in simplifying usage. Greater than rail-to-rail
2 Applications
input common mode voltage range allows operation
•
MOSFET and Power Transistor Driver
in many applications, including high-side and low-side
•
Replaces Discrete Transistors in High Current
sensing, without exceeding the input range.
Output Circuits
The LM7332 can drive unlimited capacitive loads
•
Instrumentation 4–20 mA Current Loops
without oscillations.
•
Analog Data Transmission
The LM7332 is offered in the 8-pin VSSOP and SOIC
•
Multiple Voltage Power Supplies and Battery
packages.
Chargers
Device Information(1)
•
High-Side and Low-Side Current Sensing
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Bridge and Sensor Driving
VSSOP (8)
3.00 mm × 3.00 mm
•
Digital-to-Analog Converter Output
LM7332
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Output Swing vs Sourcing Current
Large Signal Step Response for Various
Capacitive Loads
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM7332MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7332MA/NOPB TI1-LM7332MA/NOPB Datasheet
1Mb / 34P
Operational Amplifier
More results

Similar Description - LM7332MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LM7332 TI-LM7332_15 Datasheet
1Mb / 27P
LM7332 Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
OPA2810 TI1-OPA2810_18 Datasheet
468Kb / 28P
Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com