Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM7332MA/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM7332MA/NOPB Datasheet HTML 15Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 16Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 17Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 18Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 19Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 20Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 21Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 22Page - Texas Instruments LM7332MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
Device Functional Modes (continued)
7.4.2 Output Voltage Swing Close to V−
The output stage design of the LM7332 allows voltage swings to within millivolts of either supply rail for
maximum flexibility and improved useful range. Because of this design architecture, with output approaching
either supply rail, the output transistor collector-base junction reverse bias decreases. With output less than a Vbe
from either rail, the corresponding output transistor operates near saturation. In this mode of operation, the
transistor exhibits higher junction capacitance and lower ft which reduces phase margin. With the Noise Gain
(NG = 1 + RF/RG, RF and RG are external gain setting resistors) of 2 or higher, there is sufficient phase margin
that this reduction in phase margin is of no consequence. However, with lower Noise Gain (<2) and with less
than 150 mV to the supply rail, if the output loading is light, the phase margin reduction could result in unwanted
oscillations.
In the case of the LM7332, due to inherent architectural specifics, the oscillation occurs only with respect to the
output transistor at V− when output swings to within 150 mV of V−. However, if this output transistor's collector
current is larger than its idle value of a few microamps, the phase margin loss becomes insignificant. In this case,
300
μA is the required collector current of the output transistor to remedy this situation. Therefore, when all the
aforementioned critical conditions are present at the same time (NG < 2, VOUT < 150 mV from supply rails and
output load is light) it is possible to ensure stability by adding a load resistor to the output to provide the output
transistor the necessary minimum collector current (300
μA).
For 12-V (or ±6-V) operation, for example, add a 39-k
Ω resistor from the output to V+ to cause 300-µA output
sinking current and ensure stability. This is equivalent to about 15% increase in total quiescent power dissipation.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com