Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 18Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 19Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 20Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 21Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 22Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
HARDWARE INTERFACE DETAILS
Table 13. System Interface Signal Description
Signal Name
No. of
Pin Type
Driver Type
Freq. MHz Description
Bits
SCK
1
I
LVTTL
66
System Clock: This is the main clock signal to the SCANSTA101.
SCK is used to clock all internal circuitry
RST
1
I,H
LVTTL
N/A
Hardware Reset signal (with hysteresis (H)): This is the
SCANSTA101 asynchronous reset signal. This signal resets the
entire SCANSTA101 and sets all registers to their respective
default values.
OE
1
I
LVTTL
N/A
Output enable: will TRI-STATE all 1149.1 outputs when high.
Table 14. Parallel Processor Interface Signal Descriptions
Signal Name
No. of
Pin Type
Driver Type
Freq. MHz Description
Bits
DATA(31:16)
16
I/O
LVTTL (weakest
N/A
Bidirectional Data Bus. Not bonded out in packaged part. These
driver)
are only used in the 32-bit macro version.
DATA(15:0)
16
I/O
LVTTL
N/A
Bidirectional Data Bus.
ADDRESS(4:0)
5
I
LVTTL
N/A
Address Bus
CE
1
I
LVTTL
N/A
Chip Enable, when low, enables the PPI for transfers.
DATA(31:0) and DTACK are tristated when CE is high.
R/W
1
I
LVTTL
N/A
Read/Write defines a PPI cycle. Read when high, write when low.
STB
1
I
LVTTL
N/A
Strobe is used for timing all PPI transfers. DATA(31:0) are
tristated when STB is high. Data valid setup is with respect to the
falling edge of STB and data valid hold is with respect to rising
edge of STB.
DTACK
1
O
O/D
N/A
Data Acknowledge (open drain - sustained tristate). DTACK is
used to synchronize asynchronous transfers between the host
and the SCANSTA101. During write cycles, DTACK goes low
when data has been registered and then goes to high impedance
when the cycle has been completed. During read cycles DTACK
goes low when data bus is driven with the valid data and then
goes to high impedance when the cycle has been completed.
INT
1
O
LVTTL
N/A
Interrupt is used to trigger a host interrupt for any of the defined
interrupt events. Signal is active high.
Table 15. Serial Scan Interface Signal Descriptions
Signal Name
No.
Pin Type
Driver Type
Freq. MHz
Description
TDI_SM
1
I
LVTTL
up to 25
ScanMaster Test Data Input (weak pullup)
TDO_SM
1
O
LVTTL
up to 25
ScanMaster Test Data Output
TMS_SM
1
O
LVTTL
up to 25
ScanMaster Test Mode Select
TCK_SM
1
O
LVTTL
up to 25
ScanMaster Test Clock
TRST0_SM
1
O
LVTTL
N/A
ScanMaster Test Reset
TRST1_SM
1
O
LVTTL
N/A
Redundant ScanMaster Test Reset (not bonded out)
TRIST_SM
1
O
LVTTL
N/A
The tristate notification pin exerts a high when TDO_SM is
tristated.
22
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com