Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 21Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 22Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
RESET STRATEGY
The incoming external hardware reset (RST) will be synchronized to the incoming clock (SCK) and is combined
with the soft reset to generate a synchronized internal reset (SYS_RST_N). During operation, the chip can be
reset by writing a '1' to the Reset bit in the Setup register. All logic throughout the device will be initialized, all
control and status registers will be in a known default state, all PPI memory address pointers will default to their
respective base addresses, the SSI memory pointer will default to zero, the Tap Tracker will be reset to TLR, and
the clock division counter will be initialized to all zeroes after deassertion of the internal reset. The Reset bit in
the Setup register is self clearing. The TRST bit in the Setup register, when set, resets the SSI logic and drives
the TRST0_SM and TRST1_SM to zero.
SOFTWARE INTERFACE DETAILS
REGISTER DEFINITIONS
The following sections include descriptions of each addressable register in the ScanMaster memory space.
Following the title of the particular register, the mnemonic for the register is included in parentheses as well as
the physical address location in hexadecimal notation (value preceded by $). KEY- RO: Read Only; RW:
Read/Write.
Table 17. Start Register (START) ($00)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:14
RO
Reserved
0
00b
13
RW
Onboard Memory BIST
0
0b
SYS_RST
12:9
RO
Reserved
0
0000b
8
RW
Use Sequencer
0
0b
SYS_RST
7:3
RO
Reserved Use Vector x (1)
0
0000h
2:0
RW
Use Vector x
0
000b
SYS_RST
(1)
Reserved Use Vector x for future growth for the number of vectors.
Onboard Memory BIST
ScanMaster memory BIST enable. This bit is self clearing when BIST result is written to the Memory
BIST Result bit in the Status register.
'1'
Initiate on chip memory BIST
'0'
On chip memory BIST complete
Use Sequencer
Sequencer enable/disable (For preloaded vectors only)
'1'
Enable sequencer
'0'
Disable sequencer
Use Vector <2:0>
Use Vector x designates the vector "x" which is enabled, where "x" is the vector number, a binary
encoding of bits <2:0>. Only vectors 1 through 4 are valid. Vectors 5 through 7 reserved for future
use.
'000'
No vector enabled
'001'
Vector 1 enabled
'010'
Vector 2 enabled
'011'
Vector 3 enabled
'100'
Vector 4 enabled
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com