Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 9Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 10Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 11Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 12Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 13Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
Table 6. MACRO STRUCTURE
Bit(s)
Function
0x1F
Compare
0x1E
Use Mask / Compare full length of vector (not including header/trailer)
0x1D - 0x1B
Post-shift TCK_SM Count
0x1A - 0x18
Pre-shift TCK_SM Count
0x17
Sync Bit Support Enable
0x16
Macro Structure Bit 8 Enable (Ignored for the shift macros with or without capture)
0x15
Macro Structure bit 7 Enable (Ignored for the shift macros with or without capture)
0x14 - 0x12
Header/Trailer Usage
0x11
Macro Type bit 1
0x10
Macro Type bit 0
0xF - 0x9
Last 7 TMS_SM bits
0x8
Presented during the falling edge of TCK_SM at terminal count during a Shift macro. Use in the same
manner as other TMS bits for State and BIST Macros.
0x7
Loop Bit if Macro type is Shift (for 1149.1 it would be a 0) or BIST
0x6 - 0x0
First 7 TMS_SM Bits (LSB is first bit to be shifted out of TMS_SM)
Table 7. HEADER/TRAILER USAGE
Bit 2
Bit 1
Bit 0
Function
0
0
0
Ignore Headers and Trailers
0
0
1
Use Instruction Header
0
1
0
Use Instruction Trailer
0
1
1
Use both Instruction Header and Trailer
1
0
0
Use Data Header
1
0
1
Use Data Trailer
1
1
0
Use both Data Header and Trailer
1
1
1
Reserved
Table 8. Macro Type bits 10 and 11
Bit 1
Bit 0
Function
Function
0
0
BIST Macro
Loop on loop bit for Vector count. No Data
0
1
Shift Macro
Loop on loop bit for vector count. Read data from TDO_SM memory
1
0
Shift Macro with Capture
Loop on loop bit for vector count. Read data from TDO_SM memory
1
1
State Macro
Do not loop on loop bit of macro. No data to be shifted
Table 9. SEQUENCER STRUCTURE
Bit(s)
Function
0x00 - 0x1F
Sequence repeat count (up to 255)
0x20 - 0x2F
Vector repeat count
0x30 - 0x3F
Vector number
..x.. - ..x..
Repeat vector repeat count and vector number
0x3E0 - 0x3EF
Vector repeat count (up to 255)
0x3F0 - 0x3FF
Vector number (up to 63)
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com