Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 30Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 31Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
Table 20. Interrupt Status Register (INTSTAT) ($03) (1)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:13
RO
Reserved
0
00b
12
RW
TDO Half-empty Interrupt (2)
0
0b
SYS_RST
11
RW
TDO Empty Interrupt
0
1b
SYS_RST
10
RW
TDI Full Interrupt
0
0b
SYS_RST
9
RW
TDI Half-full Interrupt (2)
0
0b
SYS_RST
8
RW
Sequencer Interrupt
0
0b
SYS_RST
7:3
RO
Reserved Vector x Interrupt (3) (4)
0
00000b
2:0
RW
Vector x Interrupt (4)
0
000b
SYS_RST
(1)
This register is writable in debug mode only.
(2)
Half full or half empty designates 56 long words.
(3)
Reserved Vector x Interrupt for future growth for the number of vectors.
(4)
Drivers shouldn't allow Sequencer Interrupt and Vector x Interrupt to be set at same time. Sequencer Interrupt has priority over the
Vector x Interrupt.
TDO Half-empty Interrupt
TDO_SM memory space half empty status
'1'
TDO_SM memory space half empty
'0'
TDO_SM memory space not half empty
TDO Empty Interrupt
TDO_SM memory space empty status
'1'
TDO_SM memory space empty
'0'
TDO_SM memory space not empty
TDI Full Interrupt
TDI_SM memory space full status
'1'
TDI_SM memory space full
'0'
TDI_SM memory space not full
TDI Half-full Interrupt
TDI_SM memory space half full status
'1'
TDI_SM memory space half full
'0'
TDI_SM memory space not half full
Sequencer Interrupt
Sequencer completed status
'1'
Sequencer processing completed
'0'
Sequencer processing or not started
Vector Interrupt<2:0>
Vector "x" completed status, where "x" is the vector number, a binary encoding of bits <2:0>. Only
vectors 1 through 4 are valid. Vectors 5 through 7 reserved for future use.
'000'
No vector completed activity
'001'
Vector 1 completed
'010'
Vector 2 completed
'011'
Vector 3 completed
'100'
Vector 4 completed
Table 21. Setup Register (SETUPR) ($04)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15
RW
16/32 bit Mode
0
0b
SYS_RST
14:10
RO
Reserved
0
00h
11:10
RW
TDO_SM Ctrl
0
00b
SYS_RST
9:7
RW
Sync Bit Length
0
000b
SYS_RST
6
RW
Default TDO Value
0
1b
SYS_RST
5
RW
Debug Mode
0
0b
SYS_RST
4
RW
ScanBridge Support Initiate/ Release
0
0b
SYS_RST
3
RW
TRST
0
0b
SYS_RST
2
RW
Reset
0
0b
SYS_RST
1:0
RW
Test Loop-Back
0
11b
SYS_RST
28
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com