Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 30Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
Table 19. Interrupt Control Register (INTCTRL) ($02)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:13
RO
Reserved
0
000b
12
RW
TDO Half-empty Interrupt Enable (1)
0
0b
SYS_RST
11
RW
TDO Empty Interrupt Enable
0
0b
SYS_RST
10
RW
TDI Full Interrupt Enable
0
0b
SYS_RST
9
RW
TDI Half-full Interrupt Enable (1)
0
0b
SYS_RST
8
RW
Sequencer Interrupt Enable (2)
0
0b
SYS_RST
7:3
RO
Reserved Vector x Interrupt Enable (3)
0
00000b
2:0
RW
Vector x Interrupt Enable (2)
0
000b
SYS_RST
(1)
Half full or half empty designates 56 long words.
(2)
Drivers should not allow Sequencer Interrupt Enable and Vector x Interrupt Enable to be set at same time. Sequencer Interrupt Enable
has priority over the Vector x Interrupt Enable.
(3)
Reserved Vector x Interrupt Enable for future growth for the number of vectors.
TDO Half-empty Interrupt Enable
TDO_SM memory space half empty interrupt enable
'1'
Enable TDO_SM memory space half empty interrupt
'0'
Disable TDO_SM memory space half empty interrupt
TDO Empty Interrupt Enable
TDO_SM memory space empty interrupt enable
'1'
Enable TDO_SM memory space empty interrupt
'0'
Disable TDO_SM memory space empty interrupt
TDI Full Interrupt Enable
TDI_SM memory space full interrupt enable
'1'
Enable TDI_SM memory space full interrupt
'0'
Disable TDI_SM memory space full interrupt
TDI Half-full Interrupt Enable
TDI_SM memory space half full interrupt enable
'1'
Enable TDI_SM memory space half full interrupt
'0'
Disable TDI_SM memory space half full interrupt
Sequencer Interrupt Enable
Sequencer activity complete interrupt enable
'1'
Enable Sequencer activity complete interrupt
'0'
Disable Sequencer activity complete interrupt
Vector Interrupt Enable<2:0>
Vector "x" complete interrupt enable, where "x" is the vector number, a binary encoding of bits
<2:0>. Only vector interrupts 1 through 4 are valid. Vector interrupts 5 through 7 reserved for future
use.
'000'
No vector interrupt enabled
'001'
Vector 1 interrupt enabled
'010'
Vector 2 interrupt enabled
'011'
Vector 3 interrupt enabled
'100'
Vector 4 interrupt enabled
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com