Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 30Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 31Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 32Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
16/32 bit Mode
Selects 16-bit or 32-bit external interface mode
'1'
32-bit external interface mode (used in macro form only)
'0'
16-bit external interface mode
TDO_SM Ctrl<11:10>
TDO_SM Control bits
'00'
Hold previous value
'01'
Default TDO Value
'10'
Default TDO Value
'11'
High impedance
Sync Bit Length "x"
Sync Bit Length bits represents the number of sync bits to be used when the Sync Bit Support
Enable bit (17 in the Macro Structure) is set. The value "x" is the binary encoded numeric value.
Default TDO Value
The value in this register will be sent out on the TDO_SM pin when performing a BIST or a STATE
Macro.
'1'
Drive TDO_SM to one.
'0'
Drive TDO_SM to zero.
Debug Mode
Control bit to put SCANSTA101 in debug mode
'1'
Debug mode.
'0'
Normal mode.
ScanBridge Support Initiate/Release
ScanBridge support enable
'1'
Enable ScanBridge support
'0'
Disable ScanBridge support
TRST
Processor initiated ScanMaster test reset (on TRST0_SM and TRST1_SM_N). Bit is cleared by a
processor write.
'1'
Set TRST outputs low (active) and reset SSI logic.
'0'
Set TRST outputs high
Reset
Processor commanded synchronous reset to the serial scan logic for 2 clocks. This bit is self
clearing.
'1'
Reset the entire chip.
'0'
Release serial scan logic reset
Test Loop-Back<1:0>
Test loop-back mode bits
'00'
Normal operation
'01'
Loop-back TDO_SM to TDI_SM
'10'
Loop-back TMS_SM to TDI_SM
'11'
All Dot1 (1149.1) pins placed in SEU tolerant safe mode with: TMS_SM = 1, TCK_SM = 0,
TDO_SM = Z, TRST0_SM = 0
Table 22. Clock Divider Register (CLKDIV) ($05)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:8
RO
Reserved
0
00h
7:1
RW
Divisor
0
00h
SYS_RST
0
RO
Reserved (hard coded) (1)
0
0b
(1)
LSB of the Clock Divider register is hard coded to zero.
Divisor<7:1>
Clock divisor for the division of the SCK clock to the serial scan clock.
'0000000'
No serial scan clock generated.
'0000001'
Divide SCK by 2
'0000010'
Divide SCK by 4
'0000100'
Divide SCK by 8
'0001000'
Divide SCK by 16
'0010000'
Divide SCK by 32
'0100000'
Divide SCK by 64
'1000000'
Divide SCK by 128
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com