Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 20Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 21Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 22Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 24Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 25Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
Figure 15. SSI Timing Diagram with Clock Divider set to 8
Table 16. SCANSTA101 1149.1 Signal Descriptions
No. of
Signal Name
Pin Type
Driver Type
Freq. MHz
Description
Bits
TDO
1
O
LVTTL
up to 25
SCANSTA101 Test Data Out
TDI
1
I,U
LVTTL
up to 25
SCANSTA101 Test Data In (pullup (U))
TMS
1
I,U
LVTTL
up to 25
SCANSTA101 Test Mode Select (pullup (U))
TCK
1
I
LVTTL
up to 25
SCANSTA101 Test Clock
TRST
1
I,U,H
LVTTL
N/A
SCANSTA101 Test Reset (pullup (U) & hysteresis (H))
SAFE MODE
This device implements the following design rules to provide Single Event Upset/Single Event Error (SEU/SEE)
protection:
•
Triple modular redundancy (TMR) for TRST0_SM and TRST1_SM outputs with the help of a TMR D flip-flop .
•
After reset all scan interface outputs are driven to SEU tolerant safe values as shown below:
–
TMS_SM = 1
–
TCK_SM = 0
–
TDO_SM = high-Z
–
TRST0_SM = 0
–
TRST1_SM = 0
•
The EXTEST and the HIGHZ outputs from the JTAG TAP controller are gated with TRST to protect the
boundary scan cells from inadvertently entering the test mode.
CLOCK GENERATION AND DISTRIBUTION
Input Clock (SCK): Up to 66 MHz
Output Clock (TCK_SM): TCK_SM is a divided, registered version of SCK.
•
Selectable: to 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, and 1/128 of SCK.
•
Frequency: up to 25 MHz
24
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com