Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 26Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 30Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 31Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 32Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 33Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
Table 23. TDI_SM LFSR Exponent Register (EXPR) ($07)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:3
RO
Reserved
0
0000h
2:0
RW
LFSR
0
000b
SYS_RST
LFSR Exponent<2:0>
LFSR exponent. Binary encoding for the selection between three polynomials.
'000'
No polynomial selected
'001'
Polynomial 1: X32 + X7 + X5 + X3 + X2 + X + 1
'010'
Polynomial 2: X32 + X28 + X27 + X + 1
'011'
Polynomial 3: X32 + X7 + X6 + X2 + 1
Table 24. TDI_SM LFSR LSB Seed Register (LSSEDR) ($08) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
LSW LFSR Seed
0
0000h
SYS_RST
(1)
LSW LFSR Seed<15:0> is the LS word of the LFSR seed.
(2)
This register along with register MSSEDR form a register pair and should be read/written with two consecutive read/write accesses.
Table 25. TDI_SM LFSR MSB Seed Register (MSSEDR) ($09) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
MSW LFSR Seed
0
0000h
SYS_RST
(1)
MSW LFSR Seed <15:0> is the MS word of the LFSR seed.
(2)
This register along with register LSSEDR form a register pair and should be read/ written with two consecutive read/write accesses.
Table 26. TDI_SM LFSR LSB Result Register (LSRESR) ($0A) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
LSW LFSR Result
0
0000h
SYS_RST
(1)
LSW LFSR Result<15:0> is the LS word of the LFSR result.
(2)
This register along with register MSRESR form a register pair and should be read/written with two consecutive read/write accesses.
Table 27. TDI_SM LFSR MSB Result Register (MSRESR) ($0B) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
MSW LFSR Result
0
0000h
SYS_RST
(1)
MSW LFSR Result<15:0> is the MS word of the LFSR result.
(2)
This register along with register LSRESR form a register pair and should be read/ written with two consecutive read/write accesses.
Table 28. Index Register (INDEXR) ($0C) (1)(2)(3)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
Index
0
0000h
SYS_RST
(1)
Index<15:0> sets the individual address memory pointer.
(2)
Address memory pointer must be on a long word boundary.
(3)
Writing to this register sets the TDO_SM, TDI_SM, Expected and Mask pointers. These pointers will automatically increment with each
long word read from the TDI_SM space and each long word write to the other TDO_SM, Expected and Mask spaces.
Table 29. Vector Index Register (VINDEXR) ($11) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
Vector Index
0
0000h
SYS_RST
(1)
Vector Index<15:0> sets the Vector address memory pointer.
(2)
Address memory pointer must be on a long word boundary.
30
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com