Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 34Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 35Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 36Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 37Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 38Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 39Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 40Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 41Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
49X (
0.4)
(0.8) TYP
(0.8) TYP
NFBGA - 1.5 mm max height
NZA0049A
BALL GRID ARRAY
4220034/A 01/2025
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE: 15X
SYMM
SYMM
1
2
3
4
5
6
7
A
B
C
D
E
F
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com