Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 4 Page - ON Semiconductor

  AR0130CSSC00SPBA0-DP1 Datasheet HTML 1Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 2Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 3Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 4Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 5Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 6Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 7Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 8Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AR0130CS
www.onsemi.com
4
Figure 2. Typical Configuration: Parallel Pixel Data Interface
VAA_PIX
VAA
VDD_PLL
VDD
VDD_IO
From Controller
Master Clock
(6 − 50 MHz)
Digital
I/O
Power1
Digital
Core
Power1
PLL
Power1
Analog
Power1
SDATA
SADDR
SCLK
TRIGGER
OE_BAR
STANDBY
RESET_BAR
Reserved
DOUT [11:0]
PIXCLK
FRAME_VALID
LINE_VALID
Analog
Power1
DGND
AGND
Digital
Ground
Analog
Ground
VAA VAA_PIX
VDD_PLL
VDD_IO VDD
EXTCLK
To Controller
Notes:
1. All power supplies must be adequately decoupled.
2. ON Semiconductor recommends a resistor value of 1.5 kW, but a greater value may be used for slower two−wire speed.
3. This pull−up resistor is not required if the controller drives a valid logic level on SCLK at all times.
4. ON Semiconductor recommends that VDD_SLVS pad (only available in bare die) is left unconnected.
5. ON Semiconductor recommends that 0.1 mF and 10 mF decoupling capacitors for each power supply are mounted as
close as possible to the pad. Actual values and results may vary depending on layout and design considerations.
Check the AR0130 demo headboard schematics for circuit recommendations.
6. ON Semiconductor recommends that analog power planes are placed in a manner such that coupling with the digital
power planes is minimized.
7. I/O signals voltage must be configured to match VDD_IO voltage to minimize any leakage current.
Table 3. PAD DESCRIPTIONS
Name
Type
Description
STANDBY
Input
Standby−mode enable pin (active HIGH).
VDD_PLL
Power
PLL power.
VAA
Power
Analog power.
EXTCLK
Input
External input clock.
VDD_SLVS
Power
Digital power (do not connect).
DGND
Power
Digital ground.
VDD
Power
Digital power.
AGND
Power
Analog ground.
SADDR
Input
Two−Wire Serial Interface address select.
SCLK
Input
Two−Wire Serial Interface clock input.
SDATA
I/O
Two−Wire Serial Interface data I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com