Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 7Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 8Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 9Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 10Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 11Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 12Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 13Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 14Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AR0130CS
www.onsemi.com
11
LV and FV
The timing of the FV and LV outputs is closely related to
the row time and the frame time.
FV will be asserted for an integral number of row times,
which will normally be equal to the height of the output
image.
LV will be asserted during the valid pixels of each row.
The leading edge of LV will be offset from the leading edge
of FV by 6 PIXCLKs. Normally, LV will only be asserted if
FV is asserted; this is configurable as described below.
LV Format Options
The default situation is for LV to be de−asserted when FV
is de−asserted. By configuring R0x306E[1:0], the LV signal
can take two different output formats. The formats for
reading out four lines and two vertical blanking lines are
shown in Figure 10.
Figure 10. LV Format Options
Default
Continuous LV
FV
LV
FV
LV
The timing of an entire frame is shown in Figure 11: “Line
Timing and FRAME_VALID/LINE_VALID Signals”.
Frame Time
The pixel clock (PIXCLK) represents the time needed to
sample 1 pixel from the array. The sensor outputs data at the
maximum rate of 1 pixel per PIXCLK. One row time (tROW)
is the period from the first pixel output in a row to the first
pixel output in the next row. The row time and frame time are
defined by equations in Table 4.
Figure 11. Line Timing and FRAME_VALID/LINE_VALID Signals
Table 4. FRAME TIME (Example Based on 1280 x 960, 45 Frames Per Second)
Parameter
Name
Equation
Timing at 74.25 MHz
A
Active data time
Context A: R0x3008 − R0x3004 + 1
Context B: R0x308E − R0x308A + 1
1280 pixel clocks
= 17.23 ms
P1
Frame start blanking
6 (fixed)
6 pixel clocks
= 0.08 ms
P2
Frame end blanking
6 (fixed)
6 pixel clocks
= 0.08 ms
Q
Horizontal blanking
R0x300C − A
370 pixel clocks
= 4.98 ms
A+Q (tROW)
Line (Row) time
R0x300C
1650 pixel clocks
= 22.22 ms
V
Vertical blanking
Context A: (R0x300A−(R0x3006−R0x3002+1)) x (A + Q)
Context B: ((R0x30AA−(R0x3090−R0x308C+1)) x (A + Q)
49,500 pixel clocks
= 666.66 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com