Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 25 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 27Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 28Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AR0130CS
www.onsemi.com
25
Sequential READ, Start from Current Location
This sequence (Figure 23) starts in the same way as the
single READ from current location (Figure 21). Instead of
generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte READs until “L” bytes
have been read.
Figure 23. Sequential READ, Start from Current Location
N+L
N+L−1
N+2
N+1
Previous Reg Address, N
P
A
S
1
Read Data
A
Slave Address
Read Data
Read Data
Read Data
AA
A
Single WRITE to Random Location
This sequence (Figure 24) begins with the master
generating a start condition. The slave address/data
direction byte signals a WRITE and is followed by the HIGH
then LOW bytes of the register address that is to be written.
The master follows this with the byte of write data.
The WRITE is terminated by the master generating a stop
condition.
Figure 24. Single WRITE to Random Location
Previous Reg Address, N
Reg Address, M
M+1
S0
P
Slave Address
Reg Address[15:8]
Reg Address[7:0]
A
A
A
A
A
Write Data
Sequential WRITE, Start at Random Location
This sequence (Figure 25) starts in the same way as the
single WRITE to random location (Figure 24). Instead of
generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte WRITEs until “L” bytes
have been written. The WRITE is terminated by the master
generating a stop condition.
Figure 25. Sequential WRITE, Start at Random Location
Previous Reg Address, N
Reg Address, M
M+1
S0
Slave Address
A
Reg Address[15:8]
A
A
A
Reg Address[7:0]
Write Data
M+L
M+L−1
M+L−2
M+1
M+2
M+3
Write Data
A
A
A
AP
A
Write Data
Write Data
Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com