Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 28Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 29Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 30Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 31Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 32Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 33Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 34Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 35Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AR0130CS
www.onsemi.com
32
DC Electrical Characteristics
The DC electrical characteristics are shown in Table 15,
Table 16, Table 17, and Table 18.
Table 15. DC ELECTRICAL CHARACTERISTICS
Symbol
Definition
Condition
Min
Typ
Max
Unit
VDD
Core Digital Voltage
1.7
1.8
1.95
V
VDD_IO
I/O Digital Voltage
1.7/2.5
1.8/2.8
1.9/3.1
V
VAA
Analog Voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel Supply Voltage
2.5
2.8
3.1
V
VDD_PLL
PLL Supply Voltage
2.5
2.8
3.1
V
VDD_SLVS
Digital Supply Voltage
Do not connect.
−
−
−
V
VIH
Input HIGH Voltage
VDD_IO * 0.7
–
–
V
VIL
Input LOW Voltage
–
–
VDD_IO * 0.3
V
IIN
Input Leakage Current
No Pull-up Resistor;
VIN = VDD_IO or DGND
20
–
–
mA
VOH
Output HIGH Voltage
VDD_IO – 0.3
–
–
V
VOL
Output LOW Voltage
–
–
0.4
V
IOH
Output HIGH Current
At Specified VOH
–22
–
–
mA
IOL
Output LOW Current
At Specified VOL
–
–
22
mA
CAUTION:
Stresses greater than those listed in Table 16 may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Table 16. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Minimum
Maximum
Unit
VSUPPLY
Power Supply Voltage (All Supplies)
–0.3
4.5
V
ISUPPLY
Total Power Supply Current
–
200
mA
IGND
Total Ground Current
–
200
mA
VIN
DC Input Voltage
–0.3
VDD_IO + 0.3
V
VOUT
DC Output Voltage
–0.3
VDD_IO + 0.3
V
TSTG
Storage Temperature (Note 16)
–40
+85
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
16.Exposure to absolute maximum rating conditions for extended periods may affect reliability.
17.To keep dark current and shot noise artifacts from impacting image quality, keep operating temperature at a minimum.
Table 17. OPERATING CURRENT CONSUMPTION IN PARALLEL OUTPUT
(Operating currents are measured at the following conditions: VAA = VAA_PIX = VDD_IO = VDD_PLL = 2.8 V; VDD = 1.8 V;
PLL Enabled and PIXCLK = 74.25 MHz; TA = 25°C)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD1
Digital Operating Current
Streaming, 1280 x 960 45 fps
−
40
65
mA
IDD_IO
I/O Digital Operating Current
Streaming, 1280 x 960 45 fps
−
35
–
mA
IAA
Analog Operating Current
Streaming, 1280 x 960 45 fps
−
30
55
mA
IAA_PIX
Pixel Supply Current
Streaming, 1280 x 960 45 fps
−
10
15
mA
IDD_PLL
PLL Supply Current
Streaming, 1280 x 960 45 fps
−
7
−
mA
IDD1
Digital Operating Current
Streaming, 720p 60 fps
−
40
−
mA
IDD_IO
I/O Digital Operating Current
Streaming, 720p 60 fps
−
35
–
mA
IAA
Analog Operating Current
Streaming, 720p 60 fps
−
30
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com