Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 20 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 16Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 17Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 18Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 19Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 20Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AR0130CS
www.onsemi.com
20
Embedded Statistics
The embedded statistics contain frame identifiers and
histogram information of the image in the frame. This can be
used by downstream auto−exposure algorithm blocks to
make decisions about exposure adjustment.
This histogram is divided into 244 bins with a bin spacing
of 64 evenly spaced bins for digital code values 0 to 212, 120
evenly spaced bins for values 212 to 216, 60 evenly spaced
bins for values 216 to 220.
The first pixel of each line in the embedded statistics is a
tag value of 0x0B0. This signifies that all subsequent
statistics data is 10 bit data aligned to the MSB of the 12−bit
pixel.
The figure below summarizes how the embedded
statistics transmission looks like. It should be noted that
data, as shown in Figure 19, is aligned to the msb of each
word:
Figure 19. Format of Embedded Statistics Output within a Frame
lowEndMean
[19:10]
stats line 1
stats line 2
histogram
bin1 [9:0]
#words =
10’h1EC
{2’b00, frame
_count MSB}
{2’b00, frame
_ID MSB}
{2’b00, frame
_ID LSB}
histogram
bin0 [19:10]
histogram
bin0 [9:0]
histogram
bin1 [19:10]
data_format_
code =8’h0B
#words =
10’h1C
mean [ 19:10]
mean [9:0]
hist_begin
[19:10]
hist_begin
[9:10]
8’h07
data_format_
code =8’h0B
{2’b00, frame
_count LSB}
8’h07
histogram
bin243 [19:10]
histogram
bin243 [9:0]
8’h07
hist_end
[19:10]
hist_end
[9:10]
lowEndMean
[9:0]
perc_lowEnd
[19:10]
perc_lowEnd
[9:0]
norm_abs_dev
[19:10]
lnorm_abs_dev
[9:0]
The statistics embedded in these rows are as follows:
Line 1:
• 0x0B0 − identifier
• Register 0x303A − frame_count
• Register 0x31D2 − frame ID
• Histogram data − histogram bins 0−243
Line 2:
• 0x0B0 (identifier)
• Mean
• Histogram Begin
• Histogram End
• Low End Histogram Mean
• Percentage of Pixels Below Low End Mean
• Normal Absolute Deviation
Gain
Digital Gain
Digital gain can be controlled globally by R0x305E
(Context A) or R0x30C4 (Context B). There are also
registers that allow individual control over each Bayer color
(GreenR, GreenB, Red, Blue).
The format for digital gain setting is xxx.yyyyy where
0b00100000 represents a 1x gain setting and 0b00110000
represents a 1.5x gain setting. The step size for yyyyy is
0.03125 while the step size for xxx is 1. Therefore to set a
gain of 2.09375 one would set digital gain to 01000011.
Analog Gain
The AR0130 has a column parallel architecture and
therefore has an Analog gain stage per column.
There are two stages of analog gain, the first stage can be
set to 1x, 2x, 4x or 8x. This is can be set in
R0x30B0[5:4](Context A) or R0x30B0[9:8] (Context B).
The second stage is capable of setting an additional 1x or
1.25x gain which can be set in R0x3EE4[8].
This allows the maximum possible analog gain to be set
to 10x.
Black Level Correction
Black level correction is handled automatically by the
image sensor. No adjustments are provided except to enable
or disable this feature. Setting R0x30EA[15] disables the
automatic black level correction. Default setting is for
automatic black level calibration to be enabled.
The automatic black level correction measures the
average value of pixels from a set of optically black lines in
the image sensor. The pixels are averaged as if they were
light−sensitive and passed through the appropriate gain.
This line average is then digitally low−pass filtered over
many frames to remove temporal noise and random
instabilities associated with this measurement. The new
filtered average is then compared to a minimum acceptable
level, low threshold, and a maximum acceptable level, high
threshold. If the average is lower than the minimum
acceptable level, the offset correction value is increased by
a predetermined amount. If it is above the maximum level,
the offset correction value is decreased by a predetermined
amount. The high and low thresholds have been calculated
to avoid oscillation of the black level from below to above
the targeted black level. At high gain, long exposure, and
high temperature conditions, the performance of this
function can degrade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com