Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 24 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 20Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 27Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AR0130CS
www.onsemi.com
24
Single READ from Random Location
This sequence (Figure 20) starts with a dummy WRITE to
the 16-bit address that is to be used for the READ. The
master terminates the WRITE by generating a restart
condition. The master then sends the 8-bit read slave
address/data direction byte and clocks out one byte of
register data. The master terminates the READ by
generating a no-acknowledge bit followed by a stop
condition. Figure 20 shows how the internal register address
maintained by the AR0130 is loaded and incremented as the
sequence proceeds.
Figure 20. Single READ from Random Location
Previous Reg Address, N
Reg Address, M
M+1
S0
1
P
A
Sr
Slave Ad-
dress
Reg
Address[15:8]
Reg
Address[7:0]
Slave Address
S = Start Condition
P = Stop Condition
Sr = Restart Condition
A = Acknowledge
A = No-acknowledge
Slave to Master
Master to Slave
A
A
A
A
Read Data
Single READ from Current Location
This sequence (Figure 21) performs a read using the
current value of the AR0130 internal register address.
The master terminates the READ by generating
a no-acknowledge bit followed by a stop condition.
The figure shows two independent READ sequences.
Figure 21. Single READ from Current Location
Previous Reg Address, N
Reg Address, N+1
N+2
S1
Slave Address
A
Read Data
S1
P
Slave Address
AA
Read Data
P
A
Sequential READ, Start from Random Location
This sequence (Figure 22) starts in the same way as the
single READ from random location (Figure 20). Instead of
generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte READs until “L” bytes
have been read.
Figure 22. Sequential READ, Start from Random Location
Previous Reg Address, N
Reg Address, M
S0
Slave Address
A
A
Reg Address[15:8]
P
A
M+1
A
A
A
1
Sr
Reg Address[7:0]
Read Data
Slave Address
M+L
M+L−1
M+L−2
M+1
M+2
M+3
A
Read Data
A
Read Data
A
Read Data
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com