Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 33 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 29Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 30Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 31Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 32Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 33Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 34Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 35Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 36Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AR0130CS
www.onsemi.com
33
Table 17. OPERATING CURRENT CONSUMPTION IN PARALLEL OUTPUT (continued)
(Operating currents are measured at the following conditions: VAA = VAA_PIX = VDD_IO = VDD_PLL = 2.8 V; VDD = 1.8 V;
PLL Enabled and PIXCLK = 74.25 MHz; TA = 25°C)
Symbol
Unit
Max
Typ
Min
Condition
Parameter
IAA_PIX
Pixel Supply Current
Streaming, 720p 60 fps
−
10
15
mA
IDD_PLL
PLL Supply Current
Streaming, 720p 60 fps
−
7
−
mA
Table 18. STANDBY CURRENT CONSUMPTION
(Analog − VAA + VAA_PIX + VDD_PLL; Digital − VDD + VDD_IO + VDD_SLVS)
Definition
Condition
Min
Typ
Max
Unit
Hard Standby (Clock Off)
Analog, 2.8 V
–
70
200
mA
Digital, 1.8 V
–
640
900
mA
Hard Standby (Clock On)
Analog, 2.8 V
–
275
−
mA
Digital, 1.8 V
–
1.55
−
mA
Soft Standby (Clock Off)
Analog, 2.8 V
–
70
200
mA
Digital, 1.8 V
–
640
900
mA
Soft Standby (Clock On)
Analog, 2.8 V
–
275
−
mA
Digital, 1.8 V
–
1.55
−
mA
Figure 30. Power Supply Rejection Ratio
70
60
50
40
30
20
10
0
1,000
10,000
100,000
1,000,000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com