Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 23 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 19Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 20Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AR0130CS
www.onsemi.com
23
TWO-WIRE SERIAL REGISTER INTERFACE
The two−wire serial interface bus enables read/write
access to control and status registers within the AR0130.
This interface is designed to be compatible with the
electrical characteristics and transfer protocols of the
two−wire serial interface specification.
The interface protocol uses a master/slave model in which
a master controls one or more slave devices. The sensor acts
as a slave device. The master generates a clock (SCLK) that
is an input to the sensor and is used to synchronize transfers.
Data is transferred between the master and the slave on a
bidirectional signal (SDATA). SDATA is pulled up to VDD_IO
off−chip by a 1.5 k
W resistor. Either the slave or master
device can drive SDATA LOW − the interface protocol
determines which device is allowed to drive SDATA at any
given time.
The protocols described in the two−wire serial interface
specification allow the slave device to drive SCLK LOW; the
AR0130 uses SCLK as an input only and therefore never
drives it LOW.
Protocol
Data transfers on the two-wire serial interface bus are
performed by a sequence of low-level protocol elements:
1. a (repeated) start condition
2. a slave address/data direction byte
3. an (a no) acknowledge bit
4. a message byte
5. a stop condition
The bus is idle when both SCLK and SDATA are HIGH.
Control of the bus is initiated with a start condition, and the
bus is released with a stop condition. Only the master can
generate the start and stop conditions.
Start Condition
A start condition is defined as a HIGH-to-LOW transition
on SDATA while SCLK is HIGH. At the end of a transfer, the
master can generate a start condition without previously
generating a stop condition; this is known as a “repeated
start” or “restart” condition.
Stop Condition
A stop condition is defined as a LOW-to-HIGH transition
on SDATA while SCLK is HIGH.
Data Transfer
Data is transferred serially, 8 bits at a time, with the MSB
transmitted first. Each byte of data is followed by an
acknowledge bit or a no-acknowledge bit. This data transfer
mechanism is used for the slave address/data direction byte
and for message bytes.
One data bit is transferred during each SCLK clock period.
SDATA can change when SCLK is LOW and must be stable
while SCLK is HIGH.
Slave Address/Data Direction Byte
Bits [7:1] of this byte represent the device slave address
and bit [0] indicates the data transfer direction. A “0” in
bit [0] indicates a WRITE, and a “1” indicates a READ.
The default slave addresses used by the AR0130CS are 0x20
(write address) and 0x21 (read address) in accordance with
the specification. Alternate slave addresses of 0x30 (write
address) and 0x31 (read address) can be selected by enabling
and asserting the SADDR input.
An alternate slave address can also be programmed
through R0x31FC.
Message Byte
Message bytes are used for sending register addresses and
register write data to the slave device and for retrieving
register read data.
Acknowledge Bit
Each 8-bit data transfer is followed by an acknowledge bit
or a no-acknowledge bit in the SCLK clock period following
the data transfer. The transmitter (which is the master when
writing, or the slave when reading) releases SDATA.
The receiver indicates an acknowledge bit by driving SDATA
LOW. As for data transfers, SDATA can change when SCLK
is LOW and must be stable while SCLK is HIGH.
No-Acknowledge Bit
The no-acknowledge bit is generated when the receiver
does not drive SDATA LOW during the SCLK clock period
following a data transfer. A no-acknowledge bit is used to
terminate a read sequence.
Typical Sequence
A typical READ or WRITE sequence begins by the
master generating a start condition on the bus. After the start
condition, the master sends the 8−bit slave address/data
direction byte. The last bit indicates whether the request is
for a read or a write, where a “0” indicates a write and a “1”
indicates a read. If the address matches the address of the
slave device, the slave device acknowledges receipt of the
address by generating an acknowledge bit on the bus.
If the request was a WRITE, the master then transfers the
16−bit register address to which the WRITE should take
place. This transfer takes place as two 8−bit sequences and
the slave sends an acknowledge bit after each sequence to
indicate that the byte has been received. The master then
transfers the data as an 8−bit sequence; the slave sends an
acknowledge bit at the end of the sequence. The master stops
writing by generating a (re)start or stop condition.
If the request was a READ, the master sends the 8−bit
write slave address/data direction byte and 16−bit register
address, the same way as with a WRITE request. The master
then generates a (re)start condition and the 8−bit read slave
address/data direction byte, and clocks out the register data,
eight bits at a time. The master generates an acknowledge bit
after each 8−bit transfer. The slave’s internal register address
is automatically incremented after every 8 bits are
transferred. The data transfer is stopped when the master
sends a no−acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com