Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 5 Page - ON Semiconductor

  AR0130CSSC00SPBA0-DP1 Datasheet HTML 1Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 2Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 3Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 4Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 5Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 6Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 7Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 8Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AR0130CS
www.onsemi.com
5
Table 3. PAD DESCRIPTIONS
Description
Type
Name
VAA_PIX
Power
Pixel power.
LINE_VALID
Output
Asserted when DOUT line data is valid.
FRAME_VALID
Output
Asserted when DOUT frame data is valid.
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
VDD_IO
Power
I/O supply power.
DOUT8
Output
Parallel pixel data output.
DOUT9
Output
Parallel pixel data output.
DOUT10
Output
Parallel pixel data output.
DOUT11
Output
Parallel pixel data output (MSB)
Reserved
Input
Connect to DGND.
DOUT4
Output
Parallel pixel data output.
DOUT5
Output
Parallel pixel data output.
DOUT6
Output
Parallel pixel data output.
DOUT7
Output
Parallel pixel data output.
TRIGGER
Input
Exposure synchronization input.
OE_BAR
Input
Output enable (active LOW).
DOUT0
Output
Parallel pixel data output (LSB)
DOUT1
Output
Parallel pixel data output.
DOUT2
Output
Parallel pixel data output.
DOUT3
Output
Parallel pixel data output.
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory default.
FLASH
Output
Flash control output.
NC
Input
Do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com